Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD23381F4 Datasheet(PDF) 2 Page - Texas Instruments

Part # CSD23381F4
Description  12 V P-Channel FemtoFET MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD23381F4 Datasheet(HTML) 2 Page - Texas Instruments

  CSD23381F4_16 Datasheet HTML 1Page - Texas Instruments CSD23381F4_16 Datasheet HTML 2Page - Texas Instruments CSD23381F4_16 Datasheet HTML 3Page - Texas Instruments CSD23381F4_16 Datasheet HTML 4Page - Texas Instruments CSD23381F4_16 Datasheet HTML 5Page - Texas Instruments CSD23381F4_16 Datasheet HTML 6Page - Texas Instruments CSD23381F4_16 Datasheet HTML 7Page - Texas Instruments CSD23381F4_16 Datasheet HTML 8Page - Texas Instruments CSD23381F4_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CSD23381F4
SLPS450E – OCTOBER 2013 – REVISED MAY 2015
www.ti.com
Table of Contents
6.1
Trademarks ............................................................... 7
1
Features .................................................................. 1
6.2
Electrostatic Discharge Caution ................................ 7
2
Applications ........................................................... 1
6.3
Glossary .................................................................... 7
3
Description ............................................................. 1
7
Mechanical Data..................................................... 8
4
Revision History..................................................... 2
7.1
Mechanical Dimensions ............................................ 8
5
Specifications......................................................... 3
7.2
Recommended Minimum PCB Layout...................... 9
5.1
Electrical Characteristics........................................... 3
7.3
Recommended Stencil Pattern ................................. 9
5.2
Thermal Information .................................................. 3
7.4
CSD23381F4 Embossed Carrier Tape
5.3
Typical MOSFET Characteristics .............................. 4
Dimensions .............................................................. 10
6
Device and Documentation Support.................... 7
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (September 2014) to Revision E
Page
•
Corrected typo for IDSS Test Condition .................................................................................................................................. 3
•
Corrected typo for IGSS Test Condition .................................................................................................................................. 3
Changes from Revision C (July 2014) to Revision D
Page
•
Corrected timing VDS to read –6 V ......................................................................................................................................... 3
Changes from Revision B (February 2014) to Revision C
Page
•
Corrected capacitance units to read pF in Figure 5 ............................................................................................................... 5
Changes from Revision A (January 2014) to Revision B
Page
•
Updated lead and halogen free in features ........................................................................................................................... 1
•
Added IG parameter ................................................................................................................................................................ 1
•
Lowered IDSS limit.................................................................................................................................................................... 3
•
Lowered IGSS limit ................................................................................................................................................................... 3
Changes from Original (October 2013) to Revision A
Page
•
Added small reel info .............................................................................................................................................................. 1
2
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: CSD23381F4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com