Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD23381F4 Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD23381F4
Description  12 V P-Channel FemtoFET MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD23381F4 Datasheet(HTML) 1 Page - Texas Instruments

  CSD23381F4_16 Datasheet HTML 1Page - Texas Instruments CSD23381F4_16 Datasheet HTML 2Page - Texas Instruments CSD23381F4_16 Datasheet HTML 3Page - Texas Instruments CSD23381F4_16 Datasheet HTML 4Page - Texas Instruments CSD23381F4_16 Datasheet HTML 5Page - Texas Instruments CSD23381F4_16 Datasheet HTML 6Page - Texas Instruments CSD23381F4_16 Datasheet HTML 7Page - Texas Instruments CSD23381F4_16 Datasheet HTML 8Page - Texas Instruments CSD23381F4_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
D
G
S
0.35
mm
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CSD23381F4
SLPS450E – OCTOBER 2013 – REVISED MAY 2015
CSD23381F4 12 V P-Channel FemtoFET™ MOSFET
1 Features
Product Summary
1
•
Ultra-Low On-Resistance
TA = 25°C
TYPICAL VALUE
UNIT
•
Ultra-Low Qg and Qgd
VDS
Drain-to-Source Voltage
–12
V
•
High Operating Drain Current
Qg
Gate Charge Total (–4.5 V)
1140
pC
Qgd
Gate Charge Gate-to-Drain
190
pC
•
Ultra-Small Footprint (0402 Case Size)
VGS = –1.8 V
480
m
Ω
–
1.0 mm × 0.6 mm
Drain-to-Source On-
RDS(on)
VGS = –2.5 V
250
m
Ω
Resistance
•
Ultra-Low Profile
VGS = –4.5 V
150
m
Ω
–
0.35 mm Max Height
VGS(th)
Threshold Voltage
–0.95
V
•
Integrated ESD Protection Diode
–
Rated >4 kV HBM
.
Ordering Information(1)
–
Rated >2 kV CDM
Device
Qty
Media
Package
Ship
•
Lead and Halogen Free
CSD23381F4
3000
Femto(0402)
7-Inch
Tape and
•
RoHS Compliant
1.0 mm x 0.6 mm
Reel
Reel
CSD23381F4T
250
Land Grid Array (LGA)
2 Applications
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
•
Optimized for Load Switch Applications
•
Optimized for General Purpose Switching
.
Applications
Absolute Maximum Ratings
TA = 25°C
VALUE
UNIT
•
Battery Applications
VDS
Drain-to-Source Voltage
–12
V
•
Handheld and Mobile Applications
VGS
Gate-to-Source Voltage
–8
V
ID
Continuous Drain Current(1)
–2.3
A
3 Description
IDM
Pulsed Drain Current(2)
–9
A
This 150 m
Ω, 12 V P-Channel FemtoFET™ MOSFET
Continuous Gate Clamp Current
–35
is designed and optimized to minimize the footprint in
IG
mA
Pulsed Gate Clamp Current(2)
–350
many
handheld
and
mobile
applications.
This
PD
Power Dissipation(1)
500
mW
technology is capable of replacing standard small
signal MOSFETs while providing at least a 60%
Human Body Model (HBM)
4
kV
V(ESD)
reduction in footprint size.
Charged Device Model (CDM)
2
kV
TJ,
Operating Junction and
.
–55 to 150
°C
Tstg
Storage Temperature Range
(1) Typical RθJA = 85°C/W on 1 inch
2
(6.45 cm2), 2 oz.
Typical Part Dimensions
(0.071 mm thick) Cu pad on a 0.06 inch (1.52 mm) thick FR4
PCB.
(2) Pulse duration
≤300 μs, duty cycle ≤2%
Top View
.
.
.
.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD23381F4_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD23381F4R TI1-CSD23381F4R Datasheet
786Kb / 12P
CSD23381F4, 12 V P-Channel FemtoFET MOSFET
More results

Similar Description - CSD23381F4_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
12 V, N-Channel FemtoFET??MOSFET
CSD23381F4 TI1-CSD23381F4 Datasheet
786Kb / 12P
CSD23381F4, 12 V P-Channel FemtoFET MOSFET
CSD23382F4 TI-CSD23382F4_15 Datasheet
1Mb / 15P
CSD23382F4 12 V P-Channel FemtoFET MOSFET
CSD23382F4 TI1-CSD23382F4 Datasheet
761Kb / 13P
12 V P-Channel FemtoFET MOSFET
CSD25481F4 TI1-CSD25481F4_16 Datasheet
801Kb / 13P
20 V P-Channel FemtoFET MOSFET
CSD25484F4 TI1-CSD25484F4 Datasheet
1Mb / 15P
20 V P-Channel FemtoFET MOSFET
CSD23285F5 TI1-CSD23285F5 Datasheet
1Mb / 14P
12-V, P-Channel FemtoFET MOSFET
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
12-V N-Channel FemtoFET MOSFET
CSD13385F5 TI1-CSD13385F5 Datasheet
947Kb / 14P
12-V N-Channel FemtoFET MOSFET
CSD25501F3 TI1-CSD25501F3 Datasheet
1Mb / 13P
??0-V P-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com