Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD23381F4T Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD23381F4T
Description  12 V P-Channel FemtoFET MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD23381F4T Datasheet(HTML) 3 Page - Texas Instruments

  CSD23381F4T Datasheet HTML 1Page - Texas Instruments CSD23381F4T Datasheet HTML 2Page - Texas Instruments CSD23381F4T Datasheet HTML 3Page - Texas Instruments CSD23381F4T Datasheet HTML 4Page - Texas Instruments CSD23381F4T Datasheet HTML 5Page - Texas Instruments CSD23381F4T Datasheet HTML 6Page - Texas Instruments CSD23381F4T Datasheet HTML 7Page - Texas Instruments CSD23381F4T Datasheet HTML 8Page - Texas Instruments CSD23381F4T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CSD23381F4
www.ti.com
SLPS450E – OCTOBER 2013 – REVISED MAY 2015
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-Source Voltage
VGS = 0 V, IDS = –250 μA
–12
V
IDSS
Drain-to-Source Leakage Current
VGS = 0 V, VDS = –9.6 V
–100
nA
IGSS
Gate-to-Source Leakage Current
VDS = 0 V, VGS = –8 V
–50
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, IDS = –250 μA
–0.7
–0.95
–1.20
V
VGS = –1.8 V, IDS = –0.1 A
480
970
m
Ω
RDS(on)
Drain-to-Source On-Resistance
VGS = –2.5 V, IDS = –0.5 A
250
300
m
Ω
VGS = –4.5 V, IDS = –0.5 A
150
175
m
Ω
gƒs
Transconductance
VDS = –6 V, IDS = –0.5 A
2
S
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
236
pF
VGS = 0 V, VDS = –6 V,
Coss
Output Capacitance
98
pF
ƒ = 1 MHz
Crss
Reverse Transfer Capacitance
6.9
pF
RG
Series Gate Resistance
20
Ω
Qg
Gate Charge Total (4.5 V)
1140
pC
Qgd
Gate Charge Gate-to-Drain
190
pC
VDS = –6 V, IDS = –0.5 A
Qgs
Gate Charge Gate-to-Source
300
pC
Qg(th)
Gate Charge at Vth
145
pC
Qoss
Output Charge
VDS = –6 V, VGS = 0 V
1290
pC
td(on)
Turn On Delay Time
4.5
ns
tr
Rise Time
3.9
ns
VDS = –6 V, VGS = –4.5 V,
IDS = –0.5 A, RG = 2 Ω
td(off)
Turn Off Delay Time
18
ns
tƒ
Fall Time
7
ns
DIODE CHARACTERISTICS
VSD
Diode Forward Voltage
ISD = –0.5 A, VGS = 0 V
–0.75
V
Qrr
Reverse Recovery Charge
1260
pC
VDS= –10 V, IF = –0.5 A, di/dt = 100 A/μs
trr
Reverse Recovery Time
7.9
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
TYPICAL VALUES
UNIT
Junction-to-Ambient Thermal Resistance(1)
85
RθJA
°C/W
Junction-to-Ambient Thermal Resistance(2)
245
(1)
Device mounted on FR4 material with 1 inch2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu.
(2)
Device mounted on FR4 material with minimum Cu mounting area.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD23381F4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com