Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD23381F4T Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CSD23381F4T
Description  12 V P-Channel FemtoFET MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD23381F4T Datasheet(HTML) 5 Page - Texas Instruments

  CSD23381F4T Datasheet HTML 1Page - Texas Instruments CSD23381F4T Datasheet HTML 2Page - Texas Instruments CSD23381F4T Datasheet HTML 3Page - Texas Instruments CSD23381F4T Datasheet HTML 4Page - Texas Instruments CSD23381F4T Datasheet HTML 5Page - Texas Instruments CSD23381F4T Datasheet HTML 6Page - Texas Instruments CSD23381F4T Datasheet HTML 7Page - Texas Instruments CSD23381F4T Datasheet HTML 8Page - Texas Instruments CSD23381F4T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
−75
−25
25
75
125
175
TC - Case Temperature (ºC)
VGS = −4.5V, ID = −0.5A
G001
0.0001
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
− V
SD − Source-to-Drain Voltage (V)
TC = 25°C
TC = 125°C
G001
0.45
0.55
0.65
0.75
0.85
0.95
1.05
1.15
1.25
−75
−25
25
75
125
175
TC - Case Temperature (ºC)
ID = −250uA
G001
0
60
120
180
240
300
360
420
480
540
600
0
1
2
3
4
5
6
7
8
− V
GS - Gate-to- Source Voltage (V)
TC = 25°C,I D = −0.5A
TC = 125°C,I D = −0.5A
G001
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2
Qg - Gate Charge (nC)
ID = −0.5A
VDS = −6V
G001
0
30
60
90
120
150
180
210
240
270
300
0
1
2
3
4
5
6
7
8
9
10
11
12
− V
DS - Drain-to-Source Voltage (V)
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
G001
CSD23381F4
www.ti.com
SLPS450E – OCTOBER 2013 – REVISED MAY 2015
Typical MOSFET Characteristics (continued)
(TA = 25°C unless otherwise stated)
Figure 4. Gate Charge
Figure 5. Capacitance
Figure 6. Threshold Voltage vs Temperature
Figure 7. On-State Resistance vs Gate-to-Source Voltage
Figure 8. Normalized On-State Resistance vs Temperature
Figure 9. Typical Diode Forward Voltage
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CSD23381F4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com