Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD25484F4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CSD25484F4
Description  20 V P-Channel FemtoFET MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD25484F4 Datasheet(HTML) 2 Page - Texas Instruments

  CSD25484F4 Datasheet HTML 1Page - Texas Instruments CSD25484F4 Datasheet HTML 2Page - Texas Instruments CSD25484F4 Datasheet HTML 3Page - Texas Instruments CSD25484F4 Datasheet HTML 4Page - Texas Instruments CSD25484F4 Datasheet HTML 5Page - Texas Instruments CSD25484F4 Datasheet HTML 6Page - Texas Instruments CSD25484F4 Datasheet HTML 7Page - Texas Instruments CSD25484F4 Datasheet HTML 8Page - Texas Instruments CSD25484F4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CSD25484F4
SLPS551 – MAY 2015
www.ti.com
Table of Contents
6.1
Trademarks ............................................................... 7
1
Features .................................................................. 1
6.2
Electrostatic Discharge Caution ................................ 7
2
Applications ........................................................... 1
6.3
Glossary .................................................................... 7
3
Description ............................................................. 1
7
Mechanical, Packaging, and Orderable
4
Revision History..................................................... 2
Information ............................................................. 8
5
Specifications......................................................... 3
7.1
Mechanical Dimensions ............................................ 8
5.1
Electrical Characteristics........................................... 3
7.2
Recommended Minimum PCB Layout...................... 9
5.2
Thermal Information .................................................. 3
7.3
Recommended Stencil Pattern ................................. 9
5.3
Typical MOSFET Characteristics .............................. 4
7.4
CSD25484F4 Embossed Carrier Tape
6
Device and Documentation Support.................... 7
Dimensions .............................................................. 10
4 Revision History
DATE
REVISION
NOTES
May 2015
*
Initial release.
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CSD25484F4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com