Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD25484F4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CSD25484F4
Description  20 V P-Channel FemtoFET MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD25484F4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CSD25484F4 Datasheet HTML 2Page - Texas Instruments CSD25484F4 Datasheet HTML 3Page - Texas Instruments CSD25484F4 Datasheet HTML 4Page - Texas Instruments CSD25484F4 Datasheet HTML 5Page - Texas Instruments CSD25484F4 Datasheet HTML 6Page - Texas Instruments CSD25484F4 Datasheet HTML 7Page - Texas Instruments CSD25484F4 Datasheet HTML 8Page - Texas Instruments CSD25484F4 Datasheet HTML 9Page - Texas Instruments CSD25484F4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
-VDS - Drain-To-Source Voltage (V)
0.01
0.1
1
10
50
0.01
0.1
1
10
100
D010
100 ms
10 ms
1 ms
100 µs
10 µs
TC - Case Temperature (GC)
-50
-25
0
25
50
75
100
125
150
175
0
0.5
1
1.5
2
2.5
3
D011
CSD25484F4
SLPS551 – MAY 2015
www.ti.com
Typical MOSFET Characteristics (continued)
(TA = 25°C unless otherwise stated)
Single Pulse, Typical RθJA = 85°C/W
Figure 10. Maximum Safe Operating Area
Figure 11. Maximum Drain Current vs Temperature
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CSD25484F4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com