Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8570AV Datasheet(PDF) 6 Page - Texas Instruments

Part # DP8570AV
Description  DP8570A Timer Clock Peripheral
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8570AV Datasheet(HTML) 6 Page - Texas Instruments

Back Button DP8570AV Datasheet HTML 2Page - Texas Instruments DP8570AV Datasheet HTML 3Page - Texas Instruments DP8570AV Datasheet HTML 4Page - Texas Instruments DP8570AV Datasheet HTML 5Page - Texas Instruments DP8570AV Datasheet HTML 6Page - Texas Instruments DP8570AV Datasheet HTML 7Page - Texas Instruments DP8570AV Datasheet HTML 8Page - Texas Instruments DP8570AV Datasheet HTML 9Page - Texas Instruments DP8570AV Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
General Description (Continued)
The DP8570A’s interrupt structure provides four basic types
of interrupts Periodic AlarmCompare Timer and Power
Fail Interrupt mask and status registers enable the masking
and easy determination of each interrupt
One dedicated general purpose interrupt output is provided
A second interrupt output is available on the Multiple Func-
tion Output (MFO) pin Each of these may be selected to
generate an interrupt from any source Additionally the
MFO pin may be programmed to be either as oscillator out-
put or Timer 0’s output
Pin Description
CS RD WR (Inputs)
These pins interface to mP control
lines The CS pin is an active low enable for the read and
write operations Read and Write pins are also active low
and enable reading or writing to the TCP All three pins are
disabled when power failure is detected However if a read
or write is in progress at this time it will be allowed to com-
plete its cycle
A0 – A4 (Inputs)
These 5 pins are for register selection
They individually control which location is to be accessed
These inputs are disabled when power failure is detected
OSC IN (Input) OSC OUT (Output)
These two pins are
used to connect the crystal to the internal parallel resonant
oscillator The oscillator is always running when power is
applied to VBB and VCC and the correct crystal select bits in
the Real Time Mode Register have been set
MFO (Output)
The multi-function output can be used as a
second interrupt output for interrupting the mP This pin can
also provide an output for the oscillator or the internal Timer
0 The MFO output can be programmed active high or low
open drain or push-pull If in battery backed mode and a
pull-up resistor is attached it should be connected to a volt-
age no greater than VBB This pin is configured open drain
during battery operation (VBB l VCC)
INTR (Output)
The interrupt output is used to interrupt the
processor when a timing event or power fail has occurred
and the respective interrupt has been enabled The INTR
output can be programmed active high or low push-pull or
open drain If in battery backed mode and a pull-up resistor
is attached it should be connected to a voltage no greater
than VBB This pin is configured open drain during battery
operation (VBB l VCC) The output is a DC voltage level To
clear the INTR writea1tothe appropriate bit(s) in the Main
Status Register
D0 – D7 (InputOutput)
These 8 bidirectional pins connect
to the host mP’s data bus and are used to read from and
write to the TCP When the PFAIL pin goes low and a write
is not in progress these pins are at TRI-STATE
PFAIL (Input)
In battery backed mode this pin can have a
digital signal applied to it via some external power detection
logic When PFAIL e logic 0 the TCP goes into a lockout
mode in a minimum of 30 ms or a maximum of 63 ms unless
lockout delay is programmed In the single power supply
mode this pin is not useable as an input and should be tied
to VCC Refer to section on Power Fail Functional Descrip-
tion
VBB (Battery Power Pin) This pin is connected to a back-
up power supply This power supply is switched to the inter-
nal circuitry when the VCC becomes lower than VBB Utiliz-
ing this pin eliminates the need for external logic to switch in
and out the back-up power supply If this feature is not to be
used then this pin must be tied to ground the TCP pro-
grammed for single power supply only and power applied to
the VCC pin
TCK G1 G0 (Inputs) T1 (Output)
TCK is the clock input
to both timers when they have an external clock selected In
modes 0 1 and 2 G0 and G1 are active low enable inputs
for timers 0 and 1 respectively In mode 3 G0 and G1 are
positive edge triggers to the timers T1 is dedicated to the
timer 1 output The T1 output can be programmed active
high or low push-pull or open drain Timer 0 output is avail-
able through MFO pin if desired If in battery backed mode
and a pull-up resistor is attached to T1 it should be con-
nected to a voltage no greater than VBB The T1 pin is con-
figured open drain during battery operation (VBB l VCC)
VCC This is the main system power pin
GND
This is the common ground power pin for both VBB
and VCC
Connection Diagrams
Dual-In-Line
TLF8638 – 5
Top View
Order Number DP8570AN
See NS Package Number N28B
Plastic Chip Carrier
TLF8638 – 6
Top View
Order Number DP8570AV
See NS Package Number V28A
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com