Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8570AV Datasheet(PDF) 14 Page - Texas Instruments

Part # DP8570AV
Description  DP8570A Timer Clock Peripheral
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8570AV Datasheet(HTML) 14 Page - Texas Instruments

Back Button DP8570AV Datasheet HTML 10Page - Texas Instruments DP8570AV Datasheet HTML 11Page - Texas Instruments DP8570AV Datasheet HTML 12Page - Texas Instruments DP8570AV Datasheet HTML 13Page - Texas Instruments DP8570AV Datasheet HTML 14Page - Texas Instruments DP8570AV Datasheet HTML 15Page - Texas Instruments DP8570AV Datasheet HTML 16Page - Texas Instruments DP8570AV Datasheet HTML 17Page - Texas Instruments DP8570AV Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Functional Description (Continued)
INPUT CLOCK SELECTION
The input frequency to the timers may be selected Each
timer has a prescaler that gives a wide selection of clocking
rates In addition the DP8570A has a single external clock
input pin that can be selected for either of the timers Table
IV shows the range of programmable clocks available and
the corresponding setting in the Timer Control Register
TABLE IV Programmable Timer Input Clocks
C2
C1
C0
Selected Clock
0
0
0
External
0
0
1
Crystal Oscillator
0
1
0
(Crystal Oscillator)4
0
1
1
935 ms (107 kHz)
1
0
0
1 ms (1 kHz)
1
0
1
10 ms (100 Hz)
1
1
0
110 Second (10 Hz)
1
1
1
1 Second (1 Hz)
Note that the second and third selections are not fixed fre-
quencies but depend on the crystal oscillator frequency
chosen
Since the input clock frequencies are usually running asyn-
chronously to the timer StartStop control bit a 1 clock cy-
cle error may result This error results when the StartStop
occurs just after the clock edge (max error) To minimize
this error on all clocks an independent prescaler is used for
each timer and is designed so that its StartStop error is
less than 1 clock cycle
The count holdgate bit in the Timer Control Register and
the external enable pins G0G1 can be used to suspend
the timer operation in modes 0 1 and 2 (in mode 3 it is the
trigger input) The external pin and the register bit are OR’ed
together so that when either is high the timers are suspend-
ed Suspending the timer causes the same synchronization
error that starting the timer does The range of errors is
specified in Table V
TABLE V Maximum Synchronization Errors
Clock Selected
Error
External
a
Ext Clock Period
Crystal
a
1 Crystal Clock Period
Crystal4
a
1 Crystal Clock Period
107 kHz
a
32 ms
1 kHz
a
32 ms
100 Hz
a
32 ms
10 Hz
a
32 ms
1Hz
a
32 ms
MODES OF OPERATION
Bits M0 and M1 in the Timer Control Registers are used to
specify the modes of operation The mode selection is de-
scribed in Table VI
TABLE VI Programmable Timer Modes of Operation
M1
M0
Function
Modes
0
0
Single Pulse Generator
Mode 0
0
1
Rate Generator Pulse Output
Mode 1
1
0
Square Wave Output
Mode 2
1
1
Retriggerable One Shot
Mode 3
MODE 0 SINGLE PULSE GENERATOR
When the timer is in this mode the output will be initially low
if the Timer StartStop bit is low (stopped) When this mode
is initiated the timer output will go high on the next falling
edge
of
the
prescaler’s
input
clock
the
contents
TLF8638 – 9
FIGURE 7 DP8570A Timer Block Diagram
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com