Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7922ARM Datasheet(PDF) 15 Page - Analog Devices

Part # AD7922ARM
Description  2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7922ARM Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7922ARM Datasheet HTML 11Page - Analog Devices AD7922ARM Datasheet HTML 12Page - Analog Devices AD7922ARM Datasheet HTML 13Page - Analog Devices AD7922ARM Datasheet HTML 14Page - Analog Devices AD7922ARM Datasheet HTML 15Page - Analog Devices AD7922ARM Datasheet HTML 16Page - Analog Devices AD7922ARM Datasheet HTML 17Page - Analog Devices AD7922ARM Datasheet HTML 18Page - Analog Devices AD7922ARM Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
AD7912/AD7922
Rev. 0 | Page 15 of 32
CIRCUIT INFORMATION
The AD7912/AD7922 are fast, 2-channel, 10-/12-bit, single
supply, analog-to-digital converters (ADCs), respectively. The
parts can be operated from a 2.35 V to 5.25 V supply. When
operated from either a 5 V supply or a 3 V supply, the
AD7912/AD7922 are capable of throughput rates of 1 MSPS
when provided with an 18 MHz clock.
The AD7912/AD7922 provide the user with an on-chip track-
and-hold, an ADC, and a serial interface, all housed in a tiny
8-lead TSOT package or 8-lead MSOP package, which offer the
user considerable space-saving advantages over alternative
solutions. The serial clock input accesses data from the parts,
controls the transfer of data written to the ADC, and provides
the clock source for the successive approximation ADC. The
analog input range is 0 to VDD. An external reference is not
required for the ADC, and neither is there a reference on-chip.
The reference for the AD7912/AD7922 is derived from the
power supply and, therefore, gives the widest dynamic input
range.
The AD7912/AD7922 feature a power-down option that allows
power saving between conversions. The power-down feature is
implemented across the standard serial interface as described in
the Modes of Operation section. The AD7912/AD7922 can also
be used in daisy-chain mode when several AD7912/AD7922 are
connected in a daisy chain. This mode of operation is selected
by controlling the logic state of the CS signal. The fourth MSB
on the DOUT pin indicates if the ADC is in normal mode or
daisy-chain mode.
CONVERTER OPERATION
The AD7912/AD7922 are 10-/12-bit successive approximation
ADCs based around a charge redistribution DAC. Figure 19 and
Figure 20 show simplified schematics of the ADC. Figure 19
shows the ADC during its acquisition phase. SW2 is closed and
SW1 is in Position A, the comparator is held in a balanced
condition, and the sampling capacitor acquires the signal on the
selected VIN channel.
COMPARATOR
ACQUISITION
PHASE
VDD/2
SW2
SW1
VIN0
VIN1
SAMPLING
CAPACITOR
AGND
A
B
CHARGE
REDISTRIBUTION
DAC
CONTROL
LOGIC
Figure 19. ADC Acquisition Phase
When the ADC starts a conversion (see Figure 20), SW2 opens
and SW1 moves to Position B, causing the comparator to
become unbalanced. The control logic and the charge redistri-
bution DAC are used to add and subtract fixed amounts of
charge from the sampling capacitor to bring the comparator
back into a balanced condition. When the comparator is
rebalanced, the conversion is complete. The control logic
generates the ADC output code. Figure 21 shows the ADC
transfer function.
COMPARATOR
CONVERSION
PHASE
VDD/2
SW2
SW1
VIN0
VIN1
SAMPLING
CAPACITOR
AGND
A
B
CHARGE
REDISTRIBUTION
DAC
CONTROL
LOGIC
Figure 20. ADC Conversion Phase
ADC TRANSFER FUNCTION
The output coding of the AD7912/AD7922 is straight binary.
The designed code transitions occur at the successive integer
LSB values, that is, 1 LSB, 2 LSBs, and so on. The LSB size is
VDD/4096 for the AD7922 and VDD/1024 for the AD7912. The
ideal transfer characteristic for the AD7912/AD7922 is shown
in Figure 21.
000...000
0V
ANALOG INPUT
111...111
000...001
111...000
011...111
111...110
000...010
1LSB = VREF/4096 (AD7922)
1LSB = VREF/1024 (AD7912)
+VDD – 1LSB
1LSB
Figure 21. AD7912/AD7922 Transfer Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com