Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7922ARM Datasheet(PDF) 21 Page - Analog Devices

Part # AD7922ARM
Description  2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7922ARM Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7922ARM Datasheet HTML 17Page - Analog Devices AD7922ARM Datasheet HTML 18Page - Analog Devices AD7922ARM Datasheet HTML 19Page - Analog Devices AD7922ARM Datasheet HTML 20Page - Analog Devices AD7922ARM Datasheet HTML 21Page - Analog Devices AD7922ARM Datasheet HTML 22Page - Analog Devices AD7922ARM Datasheet HTML 23Page - Analog Devices AD7922ARM Datasheet HTML 24Page - Analog Devices AD7922ARM Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AD7912/AD7922
Rev. 0 | Page 21 of 32
CS
1
10
12
14
16
1
10
12
14
16
SCLK
DIN
DOUT
CH = STY
CHANNEL FOR NEXT CONVERSION
DAISY-CHAIN CYCLE
NORMAL MODE
VALID DATA
CONVERSION RESULT
Figure 30. Exiting Daisy-Chain Mode with CH = STY in the DIN Pin
110
13
THE PART ENTERS
NORMAL MODE
NORMAL MODE
A
16
1
16
SCLK
CS
DIN
CHANNEL FOR NEXT CONVERSION
CHANNEL FOR NEXT CONVERSION
DOUT
INVALID DATA
CONVERSION RESULT
Figure 31. Exiting Daisy-Chain Mode
CONVERSION CYCLE
DIN: CHN
≠ STY
DAISY-CHAIN MODE
DOUT:CHN
≠ MOD
NORMAL MODE
DOUT: CHN = MOD
CONVERSION CYCLE
DIN: CHN = STY
CONVERSION
CYCLE
*CS HIGH BETWEEN
THE 10TH–12TH SCLK
CS HIGH BETWEEN
THE 2ND–10TH SCLK
CS HIGH BETWEEN
THE 10TH–13TH SCLK
POWER-UP TIME AND CS
HIGH AFTER THE 13TH SCLK
POWER-DOWN
MODE
POWER-UP TIME AND
CS HIGH BETWEEN
THE 10TH–12TH SCLK
CS HIGH BETWEEN
THE 2ND–10TH SCLK
*IF CS IS BROUGHT HIGH BETWEEN THE 10TH AND THE 12TH SCLK FALLING EDGE, THE DATA SHIFTED FROM ONE
ADC TO THE NEXT ONE IN THE CHAIN, WHILE THE PARTS ARE IN DAISY-CHAIN MODE, IS VALID DATA.
IF CS IS BROUGHT HIGH BETWEEN THE 12TH AND THE 13TH SCLK FALLING EDGE, THE DATA SHIFTED FROM ONE
ADC TO THE NEXT ONE IN THE CHAIN, WHILE THE PARTS ARE IN DAISY-CHAIN MODE, IS INVALID DATA.
Figure 32. Transitions between Modes of Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com