Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8328 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8328
Description  5 V Upstream Cable Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8328 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8328 Datasheet HTML 8Page - Analog Devices AD8328 Datasheet HTML 9Page - Analog Devices AD8328 Datasheet HTML 10Page - Analog Devices AD8328 Datasheet HTML 11Page - Analog Devices AD8328 Datasheet HTML 12Page - Analog Devices AD8328 Datasheet HTML 13Page - Analog Devices AD8328 Datasheet HTML 14Page - Analog Devices AD8328 Datasheet HTML 15Page - Analog Devices AD8328 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. 0
AD8328
–13–
20-Lead Frame Chip Scale Package [LFCSP]
4 mm
4 mm Body
(CP-20)
Dimensions shown in millimeters
1
20
5
6
11
16
15
BOTTOM
VIEW
10
2.25
2.10 SQ
1.95
0.75
0.55
0.35
0.30
0.23
0.18
0.50
BSC
12 MAX
0.25
REF
0.70 MAX
0.65 NOM
0.05
0.02
0.00
1.00
0.90
0.80
SEATING
PLANE
PIN 1
INDICATOR
TOP
VIEW
3.75
BSC SQ
4.0
BSC SQ
CONTROLLING DIMENSIONS ARE IN MILLIMETERS
COPLANARITY
0.08
COMPLIANT TO JEDEC STANDARDS MO-220-VGGD-1
0.60
MAX
0.60
MAX
20-Lead SOIC, 0.025 Lead Pitch [QSOP]
(RQ-20)
Dimensions shown in millimeters and (inches)
24
13
12
1
8.74 (0.3341)
8.56 (0.3370)
6.20 (0.2441)
5.79 (0.2280)
PIN 1
3.99 (0.1571)
3.81 (0.1500)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0039)
0.30 (0.0118)
0.20 (0.0079)
0.64 (0.0252)
BSC
1.50 (0.0591)
MAX
1.75 (0.0689)
1.35 (0.0531)
0.20 (0.0079)
0.18 (0.0071)
1.27 (0.0500)
0.41 (0.0161)
8
0
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
OUTLINE DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com