Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8328 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8328
Description  5 V Upstream Cable Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8328 Datasheet(HTML) 2 Page - Analog Devices

  AD8328 Datasheet HTML 1Page - Analog Devices AD8328 Datasheet HTML 2Page - Analog Devices AD8328 Datasheet HTML 3Page - Analog Devices AD8328 Datasheet HTML 4Page - Analog Devices AD8328 Datasheet HTML 5Page - Analog Devices AD8328 Datasheet HTML 6Page - Analog Devices AD8328 Datasheet HTML 7Page - Analog Devices AD8328 Datasheet HTML 8Page - Analog Devices AD8328 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. 0
–2–
AD8328–SPECIFICATIONS
Parameter
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Specified AC Voltage
Output = 60 dBmV, Max Gain
29
dBmV
Input Resistance
Single-Ended Input
800
Ω
Differential Input
1600
Ω
Input Capacitance
2pF
GAIN CONTROL INTERFACE
Voltage Gain Range
58
59.0
60
dB
Max Gain
Gain Code = 60 Dec
30.5
31.5
32.5
dB
Min Gain
Gain Code = 1 Dec
–28.5
–27.5
–26.5
dB
Output Step Size
0.6
1.0
1.4
dB/LSB
Output Step Size Temperature
TA = –40
°C to +85°C
± 0.0005
dB/
°C
Coefficient
OUTPUT CHARACTERISTICS
Bandwidth (–3 dB)
All Gain Codes (1–60 Decimal Codes)
107
MHz
Bandwidth Roll-Off
f = 65 MHz
1.2
dB
1 dB Compression Point
2
Max Gain, f = 10 MHz, Output Referred
17.9
18.4
dBm
Min Gain, f = 10 MHz, Input Referred
2.2
3.3
dBm
Output Noise
2
Max Gain
f = 10 MHz
135
151
nV/
√Hz
Min Gain
f = 10 MHz
1.2
1.3
nV/
√Hz
Transmit Disable
f = 10 MHz
1.1
1.2
nV/
√Hz
Noise Figure
2
Max Gain
f = 10 MHz
16.7
17.7
dB
Differential Output Impedance
TX Enable and TX Disable
75
± 30%3
Ω
OVERALL PERFORMANCE
Second-Order Harmonic Distortion
4, 5
f = 33 MHz, VOUT = 60 dBmV @ Max Gain
–67
–56
dBc
f = 65 MHz, VOUT = 60 dBmV @ Max Gain
–61
–55
dBc
Third-Order Harmonic Distortion
4, 5
f = 21 MHz, VOUT = 60 dBmV @ Max Gain
–57.5
–56
dBc
f = 65 MHz, VOUT = 60 dBmV @ Max Gain
–54
–52.5
dBc
ACPR
2, 6
–58
–56
dBc
Isolation (Transmit Disable)
2
Max Gain, f = 65 MHz
–85
–81
dB
POWER CONTROL
TX Enable Settling Time
Max Gain, VIN = 0
2.5
µs
TX Disable Settling Time
Max Gain, VIN = 0
3.8
µs
Output Switching Transients
2
Equivalent Output = 31 dBmV
2.5
6
mV p-p
Equivalent Output = 61 dBmV
16
54
mV p-p
Output Settling
Due to Gain Change
Min to Max Gain
60
ns
Due to Input Step Change
Max Gain, VIN = 29 dBmV
30
ns
POWER SUPPLY
Operating Range
4.75
5
5.25
V
Quiescent Current
Max Gain
98
120
140
mA
Min Gain
18
26
34
mA
Transmit Disable (TXEN = 0)
1
2.6
3.5
mA
SLEEP Mode (Power-Down)
1
20
100
µA
OPERATING TEMPERATURE
–40
+85
°C
RANGE
NOTES
1TOKO 458PT-1087 used for above specifications. Typical insertion loss of 0.3 dB @ 10 MHz.
2Guaranteed by design and characterization to
±4 sigma for T
A = 25
°C.
3Measured through a 2:1 transformer.
4Specification is worst case over all gain codes.
5Guaranteed by design and characterization to
±3 sigma for T
A = 25
°C.
6V
IN = 29 dBmV, QPSK modulation, 160 KSPS symbol rate.
(TA = 25 C, VS = 5 V, RL = RIN = 75
, VIN (Differential) = 29 dBmV.
The AD8328 is characterized using a 2:1 transformer
1 at the device output.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com