Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83910AV/63 Datasheet(PDF) 4 Page - Texas Instruments

Part # DP83910AV/63
Description  DP83910A CMOS SNI Serial Network Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83910AV/63 Datasheet(HTML) 4 Page - Texas Instruments

  DP83910AV/63 Datasheet HTML 1Page - Texas Instruments DP83910AV/63 Datasheet HTML 2Page - Texas Instruments DP83910AV/63 Datasheet HTML 3Page - Texas Instruments DP83910AV/63 Datasheet HTML 4Page - Texas Instruments DP83910AV/63 Datasheet HTML 5Page - Texas Instruments DP83910AV/63 Datasheet HTML 6Page - Texas Instruments DP83910AV/63 Datasheet HTML 7Page - Texas Instruments DP83910AV/63 Datasheet HTML 8Page - Texas Instruments DP83910AV/63 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
30 Functional Description (Continued)
The circuit is shown in
Figure 2 (Additional output drive may
be necessary if the oscillator must also drive other compo-
nents) When using a clock oscillator it is still recommended
that the designer connect the oscillator output to the X1 pin
and tie the X2 pin to ground
33 MANCHESTER ENCODER AND
DIFFERENTIAL DRIVER
The encoder begins operation when the Transmit Enable
input (TXE) goes high and converts clock and NRZ data to
Manchester data for the transceiver For the duration of
TXE remaining high the Transmitted Data (TXD) is encoded
for the transmit-driver pair (TXg) TXD must be valid on the
rising edge of Transmit Clock (TXC) Transmission ends
when TXE goes low The last transition is always positive it
occurs at the center of the bit cell if the last bit is a one or at
the end of the bit cell if the last bit is a zero
The differential transmit pair from the secondary of the iso-
lation transformer drives up to 50 meters of twisted pair AUI
cable These outputs are source followers which require two
270X pull-down resistors to ground
The DP83910A allows both half-step and full-step to be
compatible with Ethernet I and IEEE 8023 With the SEL pin
low (for Ethernet I) transmita is positive with respect to
transmitb during idle with SEL high (for IEEE 8023)
transmita and transmitb are equal in the idle state This
provides zero differential voltage to operate with transform-
er coupled loads
TLF9365 – 16
FIGURE 2 DP83910A Connection for Oscillator Module
34 MANCHESTER DECODER
The decoder consists of a differential receiver and a PLL to
separate Manchester encoded data stream into clock sig-
nals and NRZ data The differential input must be externally
terminated with two 39X resistors connected in series if the
standard 78X transceiver drop cable is used in Thin-Ether-
net applications these resistors are optional To prevent
noise from falsely triggering the decoder a squelch circuit at
the input rejects signals with levels less than b175 mV
Once the input exceeds the squelch requirements Carrier
Sense (CRS) is asserted Receive data (RXD) and receive
clock (RXC) become valid typically within 6 bit times The
DP83910A may tolerate bit jitter up to 18 ns in the received
data
The decoder detects the end of a frame when no more
midbit transitions are detected Within one and a half bit
times after the last bit carrier sense is de-asserted Receive
clock stays active for five more bit times after CRS goes low
to guarantee the receive timings of the DP8390 NIC
35 COLLISION TRANSLATOR
When the Ethernet transceiver (DP8392 CTI) detects a colli-
sion it generates a 10 MHz signal to the differential collision
inputs (CDg) of the DP83910A When these inputs are de-
tected active the DP83910A translates the 10 MHz signal
to an active high level for the controller The controller uses
this signal to back off its current transmission and resched-
ule another one
The collision differential inputs are terminated the same way
as the differential receive inputs The squelch circuitry is
also similar rejecting pulses with levels less than b175 mV
36 LOOPBACK FUNCTIONS
When the Loopback input (LBK) is asserted high the
DP83910A redirects its transmitted data back into its re-
ceive path This feature provides a convenient method for
testing both chip and system level integrity The transmit
driver and receive input circuitry are disabled in loopback
mode
40 Connection Diagrams
TLF9365 – 17
Top View
Order Number DP83910AV
See NS Package Number V28A
TLF9365 – 18
Top View
Order Number DP83910AN
See NS Package Number N24C
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com