Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83910AV/63 Datasheet(PDF) 6 Page - Texas Instruments

Part # DP83910AV/63
Description  DP83910A CMOS SNI Serial Network Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83910AV/63 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DP83910AV/63 Datasheet HTML 2Page - Texas Instruments DP83910AV/63 Datasheet HTML 3Page - Texas Instruments DP83910AV/63 Datasheet HTML 4Page - Texas Instruments DP83910AV/63 Datasheet HTML 5Page - Texas Instruments DP83910AV/63 Datasheet HTML 6Page - Texas Instruments DP83910AV/63 Datasheet HTML 7Page - Texas Instruments DP83910AV/63 Datasheet HTML 8Page - Texas Instruments DP83910AV/63 Datasheet HTML 9Page - Texas Instruments DP83910AV/63 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
60 Pin Descriptions
24-Pin DIP
28-Pin PCC
Name
IO
Description
1
1
COL
O
COLLISION DETECT OUTPUT
Generates an active high signal when
10 MHz collision signal is detected
2
2
RXD
O
RECEIVE DATA OUTPUT
NRZ data output from the PLL This signal
must be sampled on the rising edge of receive clock
3
3
CRS
O
CARRIER SENSE
Asserted on the first valid high-to-low transition on
the RXg pair Remains active until 15 bit times after the last bit in
data
4
4
RXC
O
RECEIVE CLOCK
The receive clock from the Manchester data after
the PLL has locked Remains active 5 bit times after deasserting CRS
5
5
SEL
I
MODE SELECT
When high transmita and transmitb are the same
voltage in the idle state When low transmita is positive with respect
to transmitb in the idle state at the transformer’s primary
67
VSS
GROUND PIN
8VSS
9VSS
7
10
LBK
I
LOOPBACK
When high the loopback mode is enabled
811
X1
I
CRYSTAL OR EXTERNAL OSCILLATOR INPUT
912
X2
O
CRYSTAL FEEDBACK OUTPUT
Used in crystal connections only
Connected to ground when using an external oscillator
10
13
TXD
I
TRANSMIT DATA INPUT
NRZ data input from the controller The
data is combined with the transmit clock to produce Manchester data
TXD is sampled on the rising edge of transmit clock
11
14
TXC
O
TRANSMIT CLOCK
The 10 MHz clock derived from the 20 MHz
oscillator
12
15
TXE
I
TRANSMIT ENABLE
The encoder begins operation when this input is
asserted high
13
16
TXb
O
TRANSMIT OUTPUT
Differential line driver which sends the encoded
data to the transceiver The outputs are source followers which require
14
17
TXa
270X pull-down resistors
15
6
NC
NO CONNECTION
This may be tied to VSS for the PLCC version to be
compatible with the DP8391
16
18
NC
NO CONNECTION
17
19
TEST
I
FACTORY TEST INPUT
Used to check the chip’s internal functions
May be tied low or have a 001 mf bypass capacitor to ground (for
compatibility with the bipolar DP8391) during normal operation
18
20
VDD
POWER CONNECTION
19
21
VDD
22
VDD
23
VDD
20
24
NC
NO CONNECTION
21
25
RXb
I
RECEIVE INPUT
Differential receive input pair from the transceiver
22
26
RXa
23
27
CDb
I
COLLISION INPUT
Differential collision pair input from the
transceiver
24
28
CDa
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com