Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z560DRZR-R1 Datasheet(PDF) 46 Page - Texas Instruments

Part # BQ28Z560DRZR-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z560DRZR-R1 Datasheet(HTML) 46 Page - Texas Instruments

Back Button BQ28Z560DRZR-R1 Datasheet HTML 42Page - Texas Instruments BQ28Z560DRZR-R1 Datasheet HTML 43Page - Texas Instruments BQ28Z560DRZR-R1 Datasheet HTML 44Page - Texas Instruments BQ28Z560DRZR-R1 Datasheet HTML 45Page - Texas Instruments BQ28Z560DRZR-R1 Datasheet HTML 46Page - Texas Instruments BQ28Z560DRZR-R1 Datasheet HTML 47Page - Texas Instruments BQ28Z560DRZR-R1 Datasheet HTML 48Page - Texas Instruments BQ28Z560DRZR-R1 Datasheet HTML 49Page - Texas Instruments BQ28Z560DRZR-R1 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 61 page
background image
bq28z560-R1
SLUSBD3 – APRIL 2013
www.ti.com
Because the gas gauge is dormant in HIBERNATE mode, the battery should not be charged or discharged in this
mode, because any changes in battery charge status will not be measured. If necessary, the host equipment can
draw a small current (generally infrequent and less than 1 mA, for purposes of low-level monitoring and
updating); however, the corresponding charge drawn from the battery will not be logged by the gauge. Once the
gauge exits to NORMAL mode, the algorithm re-establishes the correct battery capacity.
If a charger is attached, the host should immediately take the gas gauge out of HIBERNATE mode before
beginning to charge the battery.
CAUTION
Charging the battery in HIBERNATE mode results in a notable gauging error that will
take several hours to correct. In the HDQ bus communication interface, the bus line,
when in HIBERNATE mode, must always be pulled high with an external resistor, and
not allowed to go low in this mode. If the bus line is pulled low, the system may need
to go through a full reset by the battery pack being removed and re-inserted. This may
be an issue for systems with embedded battery packs. Alternatively, disable
HIBERNATE mode by setting the CLEAR HIBERNATE bit to 0. Another option is to set
Hibernate I,V settings to 0 in DF commands.
SHUTDOWN MODE
The device enters SHUTDOWN mode if there is a BATLOW condition detected or power down of the system.
The device can also disable SHUTDOWN by using the CLEAR_SHUTDOWN (0x0014) option.
NOTE
•
A SHUTDOWN command should NOT be invoked if charger voltage is present.
•
Sending a SHUTDOWN command while charger voltage is present causes a 1–2 s
time of DSG FET off, and may or may not cause a watchdog reset. (If current is
≤ 0
after the DSG FET is opened, it will attempt to shutdown and start a watchdog;
otherwise, it will only clear the shutdown flag without a reset.)
•
The recommendation is to NOT send a SHUTDOWN command if charger voltage is
present.
Figure 8 shows an overview of the hardware controlled SHUTDOWN operation.
46
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: bq28z560-R1
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com