Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z560DRZR-R1 Datasheet(PDF) 48 Page - Texas Instruments

Part # BQ28Z560DRZR-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z560DRZR-R1 Datasheet(HTML) 48 Page - Texas Instruments

Back Button BQ28Z560DRZR-R1 Datasheet HTML 44Page - Texas Instruments BQ28Z560DRZR-R1 Datasheet HTML 45Page - Texas Instruments BQ28Z560DRZR-R1 Datasheet HTML 46Page - Texas Instruments BQ28Z560DRZR-R1 Datasheet HTML 47Page - Texas Instruments BQ28Z560DRZR-R1 Datasheet HTML 48Page - Texas Instruments BQ28Z560DRZR-R1 Datasheet HTML 49Page - Texas Instruments BQ28Z560DRZR-R1 Datasheet HTML 50Page - Texas Instruments BQ28Z560DRZR-R1 Datasheet HTML 51Page - Texas Instruments BQ28Z560DRZR-R1 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
bq28z560-R1
SLUSBD3 – APRIL 2013
www.ti.com
OPERATIONAL MODES
POWER CONTROL
Reset Functions
When the bq28z560-R1 detects a software reset ([RESET] bit of Control() initiated), it determines the type of
reset and increments the corresponding counter. This information is accessible by issuing the command Control()
function with the RESET_DATA subcommand.
Wake-Up Comparator
The wake up comparator is used to indicate a change in cell current while the bq28z560-R1 is in SLEEP mode.
Pack Configuration uses bits [RSNS1–RSNS0] to set the sense resistor selection. Pack Configuration also uses
the [IWAKE] bit to select one of two possible voltage threshold ranges for the given sense resistor selection. An
internal interrupt is generated when the threshold is breached in either charge or discharge directions. Setting
both [RSNS1] and [RSN0] to 0 disables this feature.
Table 21. IWAKE Threshold Settings(1)
RSNS1
RSNS0
IWAKE
Vth (SRP–SRN)
0
0
0
Disabled
0
0
1
Disabled
0
1
0
+1.0 mV or –1.0 mV
0
1
1
+2.2 mV or –2.2 mV
1
0
0
+2.2 mV or –2.2 mV
1
0
1
+4.6 mV or –4.6 mV
1
1
0
+4.6 mV or –4.6 mV
1
1
1
+9.8 mV or –9.8 mV
(1)
The actual resistance value vs. the setting of the sense resistor is not important, only the actual voltage threshold when calculating the
Configuration. The voltage thresholds are typical values under room temperature.
Flash Updates
Data flash can only be updated if Voltage() > Flash Update OK Voltage. Flash programming current can cause
an increase in the LDO dropout.
The mode of going from one state to another is as follows: NORMAL
→ SLEEP → FULLSLEEP, then from
FULLSLEEP to either HIBERNATE or SHUTDOWN.
Mode
Enter Mode
Exit Mode
Comment
Go into other modes like SLEEP,
If ALL conditions are satisfied like
In this mode, power consumption is
FULLSLEEP, HIBERNATE, or
NORMAL
Average Current, Cell Voltage, and
the highest. Measurements are taken
SHUTDOWN if conditions are
Temperature.
and updated every 1 s.
satisfied.
SLEEP bit set = 1 in the Control
Change SLEEP bit = 0 OR
register AND AverageCurrent
AverageCurrent measurement > Sleep The data is measured every 20 s to
SLEEP
measured is equal to Sleep current
current value OR Current detected is
reduce current consumption.
value.
above the IWAKE setting.
From SLEEP mode if the
WAIT_FULLSLEEP wait is
The system exits the FULLSLEEP
The wait time to enter FULLSLEEP
programmed, this is the time the
mode if there are any communication
FULLSLEEP
from SLEEP is 1 s to 240 s with the
system must be in SLEEP mode
commands set on the bus to the
default at 15 s.
before it can go to FULLSLEEP
device.
mode.
48
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: bq28z560-R1
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com