Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ78350DBT-R1 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # BQ78350DBT-R1
Description  Battery Management Controller Companion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ78350DBT-R1 Datasheet(HTML) 24 Page - Texas Instruments

Back Button BQ78350DBT-R1 Datasheet HTML 20Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 21Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 22Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 23Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 24Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 25Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 26Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 27Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
bq78350-R1
SLUSCD0 – AUGUST 2015
www.ti.com
12 Layout
12.1 Layout Guidelines
12.1.1 Power Supply Decoupling Capacitor
Power supply decoupling from VCC to ground is important for optimal operation of the bq78350-R1. To keep the
loop area small, place this capacitor next to the IC and use the shortest possible traces. A large-loop area
renders the capacitor useless and forms a small-loop antenna for noise pickup.
Ideally, the traces on each side of the capacitor must be the same length and run in the same direction to avoid
differential noise during ESD. If possible, place a via near the VSS pin to a ground plane layer.
Placement of the RBI capacitor is not as critical. It can be placed further away from the IC.
12.1.2 MRST Connection
The MRST pin controls the gas gauge reset state. The connections to this pin must be as short as possible in
order to avoid any incoming noise. Direct connection to VCC is possible if the reset functionality is not desired or
necessary.
If unwanted resets are found, one or more of the following solutions may be effective:
•
Add a 0.1-
μF capacitor between MRST and ground.
•
Provide a 1-k
Ω pull up resistor to VCC at MRST.
•
Surround the entire circuit with a ground pattern.
If a test point is added at MRST, it must be provided with a 10-k
Ω series resistor.
12.1.3 Communication Line Protection Components
The 5.6-V Zener diodes, which protect the bq78350-R1 communication pins from ESD, must be located as close
as possible to the pack connector. The grounded end of these Zener diodes must be returned to the PACK(–)
node, rather than to the low-current digital ground system. This way, ESD is diverted away from the sensitive
electronics as much as possible.
12.1.4 ESD Spark Gap
Protect the SMBus clock, data, and other communication lines from ESD with a spark gap at the connector. The
following pattern is recommended, with 0.2-mm spacing between the points.
Figure 15. Recommended Spark-Gap Pattern Helps Protect Communication Lines From ESD
24
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: bq78350-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com