Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ78350DBT-R1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ78350DBT-R1
Description  Battery Management Controller Companion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ78350DBT-R1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ78350DBT-R1 Datasheet HTML 6Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 7Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 8Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 9Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 10Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 11Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 12Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 13Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Input/Output
Oscillator
System Clock
Power
Regulation
AND
Management
CoolRISC
CPU
Program Memory
Data Memory
Communications
SMBus
Peripherals
and
Timers
Interrupt
Controller
Analog Front End
Delta-Sigma ADC
AND
Integrating
Coulomb Counter
DMAddr (16-bit)
Data (8-bit)
PMAddr
(15-bit)
PMInst
(22-bit)
32 kHz
System Clocks
Reset*
2
1
8
8
8
Interrupt *
Event*
SRP
SRN
VCC
VSS
MRST
RBI
COM, ALERT,
KEYIN, SAFE,
SMBD, SMBC,
VEN, DISP
GPIOA
GPIOB
LED1...5
PWRM
SMBA, ADREN,
SDA, SCL,
PRECHG,VAUX,
BAT, PRES
System I /O (13 -bit)
Wake Comparator
Event*
bq78350-R1
SLUSCD0 – AUGUST 2015
www.ti.com
9 Detailed Description
9.1 Overview
The bq78350-R1 Li-Ion and LiFePO4 Battery Management Controller is the companion to the bq769x0 family of
Analog Front End (AFE) protection devices. This chipset supports from 3-series to 15-series cell applications with
capacities up to 320 Ahr, and is suitable for a wide range of portable or stationary battery applications. The
bq78350-R1 provides an accurate fuel gauge and state-of-health (SoH) monitor, as well as the cell balancing
algorithm and a full range of voltage-, current-, and temperature-based protection features.
The battery data that the bq78350-R1 gathers can be accessed via an SMBus 1.1 interface and state-of-charge
(SoC) data can be displayed through optional LED or LCD display configurations. Battery history and diagnostic
data is also kept within the device in non-volatile memory and is available over the same SMBus interface.
9.2 Functional Block Diagram
9.3 Feature Description
The following section provides an overview of the device features. For full details on the bq78350-R1 features,
refer to the bq78350-R1 Technical Reference Manual (SLUUBD3).
9.3.1 Primary (1st Level) Safety Features
The bq78350-R1 supports a wide range of battery and system protection features that can be configured. The
primary safety features include:
Cell over/undervoltage protection
Charge and discharge overcurrent
Short circuit protection
Charge and discharge overtemperature with independent alarms and thresholds for each thermistor
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: bq78350-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com