Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9726 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9726
Description  16-Bit, 600 MSPS D/A Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9726 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9726 Datasheet HTML 9Page - Analog Devices AD9726 Datasheet HTML 10Page - Analog Devices AD9726 Datasheet HTML 11Page - Analog Devices AD9726 Datasheet HTML 12Page - Analog Devices AD9726 Datasheet HTML 13Page - Analog Devices AD9726 Datasheet HTML 14Page - Analog Devices AD9726 Datasheet HTML 15Page - Analog Devices AD9726 Datasheet HTML 16Page - Analog Devices AD9726 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD9726
Rev. A | Page 13 of 24
SERIAL PORT INTERFACE
Table 8. SPI Register Map
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x00
SDIODIR
DATADIR
SWRESET
SLEEP
PWRDWN
EXTREF
0x02
DATAFMT
DATARATE
INVDCLKI
INVDCLKO
DISDCLKO
SYNCMAN
SYNCUPD
SYNCALRM
0x0E
CALMEM[1]
CALMEM[0]
CALCLK[2]
CALCLK[1]
CALCLK[0]
0x0F
SCALSTAT
SELFCAL
XFERSTAT
MEMXFER
SMEMWR
SMEMRD
FMEMRD
UNCAL
0x10
MEMADR[7]
MEMADR[6]
MEMADR[5]
MEMADR[4]
MEMADR[3]
MEMADR[2]
MEMADR[1]
MEMADR[0]
0x11
MEMDAT[5]
MEMDAT[4]
MEMDAT[3]
MEMDAT[2]
MEMDAT[1]
MEMDAT[0]
0x15
SYNCOUT[1]
SYNCOUT[0]
0x16
SYNCEXT
SYNCIN[1]
SYNCIN[0]
Table 9. SPI Register Bit Default and Descriptions Values
Addr
Name
Bit
I/O
Default
Description
0x00
SDIODIR
7
I
0
0: SDIO is input only (4-wire SPI mode), and SDO is used for output.
1: SDIO is input/output (3-wire SPI mode), and SDO is unused.
DATADIR
6
I
0
0: SPI serial data byte is MSB first format.
1: SPI serial data byte is LSB first format.
SWRESET
5
I
0
1: Software reset: SPI registers (except 0x00) to default values.1
SLEEP
4
I
0
1: Analog outputs temporarily disabled.
PWRDWN
3
I
0
1: Full device power-down; all circuits disabled except SPI.
EXTREF
0
I
0
1: Power-down internal reference: use external reference source.2
0x02
DATAFMT
7
I
0
0: Input data-word is twos complement binary format.
1: Input data-word is unsigned binary format.
DATARATE
6
I
0
0: DDR mode.
1: SDR mode.
INVDCLKI
5
I
0
1: Inverts polarity of data clock input.
INVDCLKO
4
I
0
1: Inverts polarity of data clock output.
DISDCLKO
3
I
0
1: Disables data clock output.
SYNCMAN
2
I
0
1: Enable sync manual mode; disable automatic update.
SYNCUPD
1
I
0
1: Force manual sync update.
SYNCALRM
0
O
0
1: Indicates that sync logic requires update.
0x0E
CALMEM
[5:4]
O
00
2-bit SMEM contents and calibration status indicator.
00: Uncalibrated; SMEM contains default values (63).
01: Self-calibrated; SMEM contains values from self-calibration.
10: Factory-calibrated; SMEM values transferred from FMEM.
11: User-calibrated; SMEM contains user-entered values.
CALCLK
[2:0]
I
000
3-bit self-calibration clock divider ratio. Affects time available for algorithm settling. Each
value increase reduces time by 50%.3
000: Self-calibration clock is DAC clock/4096 (maximum self-calibration settling time for
highest linearity accuracy).
001,010,011: Self-calibration clock is DAC clock/2048,1024,512.
100,101,110: Self-calibration clock is DAC clock/256,128,64.
111: Self-calibration clock is DAC clock/32 (minimum self-calibration settling time for
fastest algorithm completion).
0x0F
SCALSTAT
7
O
0
1: Indicates completion of self-calibration cycle.
SELFCAL
6
I
0
1: Initiates self-calibration cycle.4
XFERSTAT
5
O
0
1: Indicates completion of memory transfer cycle.
MEMXFER
4
I
0
1: Initiates FMEM to SMEM transfer.5
SMEMWR
3
I
0
1: Enable static memory (SMEM) write operation.
SMEMRD
2
I
0
1: Enable static memory (SMEM) read operation.
FMEMRD
1
I
0
1: Enable factory memory (FMEM) read operation.
UNCAL
0
I
0
1: Enable uncalibrated operation; all SMEM to default values.6
0x10
MEMADR
[7:0]
I
00000000
8-bit memory address value for read/write operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com