Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83901AV Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83901AV
Description  Serial Network Interface Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83901AV Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button DP83901AV Datasheet HTML 42Page - National Semiconductor (TI) DP83901AV Datasheet HTML 43Page - National Semiconductor (TI) DP83901AV Datasheet HTML 44Page - National Semiconductor (TI) DP83901AV Datasheet HTML 45Page - National Semiconductor (TI) DP83901AV Datasheet HTML 46Page - National Semiconductor (TI) DP83901AV Datasheet HTML 47Page - National Semiconductor (TI) DP83901AV Datasheet HTML 48Page - National Semiconductor (TI) DP83901AV Datasheet HTML 49Page - National Semiconductor (TI) DP83901AV Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
140 Preliminary Electrical Characteristics
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
b
05V to a70V
DC Input Voltage (VIN)
b
05V to VCC a 05V
DC Output Voltage (VOUT)
b
05V to VCC a 05V
Storage Temperature Range (TSTG)
b
65 Cto a150 C
Power Dissipation (PD)
800 mW
Lead Temp (TL) (Soldering 10 sec)
260 C
ESD Rating (RZAP e 15k CZAP e 120 pF)
15 kV
Note
Absolute Maximum ratings are those values beyond
which the safety of the device cannot be guaranteed They
are not meant to imply that the device should be operated at
these limits
Note
All specifications in this datasheet are valid only if the
mandatory isolation is employed and all differential signals
are taken to exist at the AUI side of the isolation
Preliminary DC Specifications TA e 0 Cto70 C VCC e 5V g5% unless otherwise specified
Symbol
Parameter
Conditions
Min
Max
Units
VOH
Minimum High Level Output Voltage
IOH eb20 mAVCC b01
V
(Notes 1 4)
IOH eb20 mA
35
V
VOL
Minimum Low Level Output Voltage
IOL e 20 mA
01
V
(Notes 1 4)
IOL e 20 mA
04
V
VIH
Minimum High Level Input Voltage (Note 2)
20
V
VIH2
Minimum High Level Input Voltage
27
V
For RACK WACK (Note 2)
VIL
Minimum Low Level Input Voltage (Note 2)
08
V
VIL2
Minimum Low Level Input Voltage
06
V
For RACK WACK (Note 2)
IIN
Input Current
VI e VCC or GND
b
10
a
10
m
A
IOZ
Minimum TRI-STATE
VOUT e VCC or GND
b
10
a
10
m
A
Output Leakage Current (Note 5)
ICC
Average Supply Current
X1 e 20 MHz Clock
(Note 3)
IOUT e 0 mA
110
mA
VIN e VCC or GND
Note 1
These levels are tested dynamically using a limited amount of functional test patterns please refer to AC test load
Note 2
Limited functional test patterns are performed at these input levels The majority of functional tests are performed at levels of 0V and 3V
Note 3
This is measured with a 01 mF bypass capacitor between VCC and GND
Note 4
The low drive CMOS compatible VOH and VOL limits are not tested directly Detailed device characterization validates that this specification can be
guaranteed by testing the high drive TTL compatible VOL and VOH specification
Note 5
RA0–RA3 PRD WACK BREQ and INT pins are used as outputs in test mode and as a result are tested as if they are TRI-STATE inputoutputs For these
pins the input leakage specification is IOZ
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com