Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83901AV Datasheet(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83901AV
Description  Serial Network Interface Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83901AV Datasheet(HTML) 56 Page - National Semiconductor (TI)

Back Button DP83901AV Datasheet HTML 52Page - National Semiconductor (TI) DP83901AV Datasheet HTML 53Page - National Semiconductor (TI) DP83901AV Datasheet HTML 54Page - National Semiconductor (TI) DP83901AV Datasheet HTML 55Page - National Semiconductor (TI) DP83901AV Datasheet HTML 56Page - National Semiconductor (TI) DP83901AV Datasheet HTML 57Page - National Semiconductor (TI) DP83901AV Datasheet HTML 58Page - National Semiconductor (TI) DP83901AV Datasheet HTML 59Page - National Semiconductor (TI) DP83901AV Datasheet HTML 60Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 62 page
background image
150 Switching Characteristics AC Specs DP83901A Note All Timing is Preliminary (Continued)
Wait State Insertion
TLF10469 – 40
Symbol
Parameter
Min
Max
Units
ews
External Wait Setup to T3 0Clock (Note 1)
10
ns
ewr
External Wait Release Time (Note 1)
15
ns
Note 1
The addition of wait states affects the count of deserialized bytes and is limited to a number of bus clock cycles depending on the bus clock and network
rates The allowable wait states are found in the table below (Assumes 10 Mbitsec data rate)
BSCK (MHz)
Max
of Wait States
Byte Transfer
Word Transfer
80
1
10
0
1
12
1
2
14
1
2
16
1
3
18
2
3
20
2
4
Table assumes 10 MHz network clock
The number of allowable wait states in byte mode can be
calculated using
W(byte mode) e
 8tnw
45 tbsck
b
1
J
W
e
Number of Wait States
tnw
e
Network Clock Period
tbsck
e
BSCK Period
The number of allowable wait states in word mode can be
calculated using
W(word mode) e
 5tnw
2 tbsck
b
1
J
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com