Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9985 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9985
Description  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9985 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9985 Datasheet HTML 14Page - Analog Devices AD9985 Datasheet HTML 15Page - Analog Devices AD9985 Datasheet HTML 16Page - Analog Devices AD9985 Datasheet HTML 17Page - Analog Devices AD9985 Datasheet HTML 18Page - Analog Devices AD9985 Datasheet HTML 19Page - Analog Devices AD9985 Datasheet HTML 20Page - Analog Devices AD9985 Datasheet HTML 21Page - Analog Devices AD9985 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD9985
Rev. 0 | Page 18 of 32
Hex
Address
Write and
Read or
Read Only
Bits
Default
Value
Register Name
Function
*****0**
Bit 2 – Red Clamp Select. Logic 0 selects clamp to ground. Logic 1
selects clamp to midscale (voltage at Pin 37).
******0*
Bit 1 – Green Clamp Select. Logic 0 selects clamp to ground. Logic 1
selects clamp to midscale (voltage at Pin 37).
*******0
Bit 0 – Blue Clamp Select. Logic 0 selects clamp to ground. Logic 1
selects clamp to midscale (voltage at Pin 37).
11H
R/W
7:0
00100000
Sync Separator
Threshold
Sync Separator Threshold. Sets how many internal 5 MHz clock periods
the sync separator will count to before toggling high or low. This
should be set to some number greater than the maximum Hsync or
equalization pulsewidth.
12H
R/W
7:0
00000000
Pre-Coast
Pre-Coast. Sets the number of Hsync periods that Coast becomes
active prior to Vsync.
13H
R/W
7:0
00000000
Post-Coast
Post-Coast. Sets the number of Hsync periods that Coast stays active
following Vsync.
14H
RO
7:0
Sync Detect
Bit 7 – Hsync detect. It is set to Logic 1 if Hsync is present on the
analog interface; otherwise it is set to Logic 0.
Bit 6 – AHS: Active Hsync. This bit indicates which analog Hsync is
being used. (Logic 0 = Hsync Input Pin, Logic 1 = Hsync from Sync-on-
Green.)
Bit 5 – Input Hsync Polarity Detect. (Logic 0 = Active Low, Logic 1 =
Active High.)
Bit 4 – Vsync Detect. It is set to Logic 1 if Vsync is present on the analog
interface; otherwise it is set to Logic 0.
Bit 3 – AVS: Active Vsync. This bit indicates which analog Vsync is
being used. (Logic 0 = Vsync Input Pin, Logic 1 = Vsync from Sync
Separator.)
Bit 2 – Output Vsync Polarity Detect. (Logic 0 = Active Low, Logic 1 =
Active High.)
Bit 1 – Sync-on-Green Detect. It is set to Logic 1 if sync is present on
the Green video input; otherwise it is set to 0.
Bit 0 – Input Coast Polarity Detect. (Logic 0 = Active Low, Logic 1 =
Active High.)
15H
R/W
7:2
111111**
Reserved
Bits [7:2] Reserved for future use. Must be written to 111111 for proper
operation.
1
******1*
Output Formats
Bit 1 – 4:2:2 Output Formatting Mode (Logic 0 = 4:2:2 mode, Logic 1=
4:4:4 mode)
0
*******1
Reserved
Bit 0 – Must be set to 0 for proper operation.
16H
R/W
7:0
Test Register
Reserved for future use.
17H
RO
7:0
Test Register
Reserved for future use.
18H
RO
7:0
Test Register
Reserved for future use.
19H
R/W
7:0
00000100
Red Target Code
Target Code for Auto Offset Operation.
1AH
R/W
7:0
00000100
Green Target
Code
Target Code for Auto Offset Operation.
1BH
R/W
7:0
00000100
Blue Target
Code
Target Code for Auto Offset Operation.
1CH
R/W
7:0
00010001
Reserved
Must be written to 11h for proper operation.
1DH
R/W
7
0*******
Auto Offset
Enable
Enables the auto offset circuitry.
6
*0******
Hold Auto Offset
Holds the offset output of the auto offset at the current value.
5:2
**1001**
Reserved
Must be written to 9 for proper operation.
1:0
******10
Update Mode
Changes the update rate of the auto offset.
1EH
R/W
7:0
0000****
Test Register
Must be set to default value.
*The AD9985 updates the PLL divide ratio only when the LSBs are written to (Register 02H).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com