Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9985 Datasheet (PDF) - Analog Devices

AD9985 Datasheet PDF - Analog Devices
Part # AD9985
Download  AD9985 Download
File Size   349.88 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 110 MSPS/140 MSPS Analog Interface for Flat Panel Displays

AD9985 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9985 Datasheet PDF - Analog Devices

Part # AD9985
Download  AD9985 Click to download

File Size   349.88 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 110 MSPS/140 MSPS Analog Interface for Flat Panel Displays

AD9985 Datasheet (HTML) - Analog Devices


AD9985 Product details

GENERAL DESCRIPTION
The AD9985 is a complete 8-bit, 140 MSPS, monolithic analog interface optimized for capturing RGB graphics signals from personal computers and workstations. Its 140 MSPS encode rate capability and full power analog bandwidth of 300 MHz support resolutions up to SXGA (1280 × 1024 at 75 Hz).
   
FEATURES
    Automated clamping level adjustment
    140 MSPS maximum conversion rate
    300 MHz analog bandwidth
    0.5 V to 1.0 V analog input range
    500 ps p-p PLL clock jitter at 110 MSPS
    3.3 V power supply
    Full sync processing
    Sync detect for hot plugging
    Midscale clamping
    Power-down mode
    Low power: 500 mW typical
    4:2:2 output format mode
   
APPLICATIONS
    RGB graphics processing
    LCD monitors and projectors
    Plasma display panels
    Scan converters
    Microdisplays
    Digital TV
   




Similar Part No. - AD9985

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9985A AD-AD9985A Datasheet
628Kb / 32P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
7/05-Revision 0
AD9985A/PCB AD-AD9985A/PCB Datasheet
628Kb / 32P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
7/05-Revision 0
AD9985ABSTZ-110 AD-AD9985ABSTZ-110 Datasheet
628Kb / 32P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
7/05-Revision 0
AD9985AKSTZ-110 AD-AD9985AKSTZ-110 Datasheet
628Kb / 32P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
7/05-Revision 0
AD9985AKSTZ-140 AD-AD9985AKSTZ-140 Datasheet
628Kb / 32P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
7/05-Revision 0
More results


Similar Description - AD9985

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9883 AD-AD9883 Datasheet
177Kb / 24P
110 MSPS Analog Interface for Flat Panel Displays
REV.0
AD9884A AD-AD9884A Datasheet
186Kb / 24P
100 MSPS/140 MSPS Analog Flat Panel Interface
REV.B
AD9883A AD-AD9883A Datasheet
229Kb / 28P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
8/03-Data Sheet changed from REV. A to REV. B.
AD9985A AD-AD9985A Datasheet
628Kb / 32P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
7/05-Revision 0
AD9888 AD-AD9888_11 Datasheet
501Kb / 36P
100 MSPS/140 MSPS/170 MSPS Analog Flat Panel Interface
REV. C
AD9884AKSZ-140 AD-AD9884AKSZ-140 Datasheet
220Kb / 24P
100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9883A AD-AD9883A_15 Datasheet
235Kb / 28P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. B
AD9884A AD-AD9884A_15 Datasheet
220Kb / 24P
100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9985 AD-AD9985_15 Datasheet
355Kb / 32P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985A AD-AD9985A_15 Datasheet
629Kb / 32P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com