Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9884A Datasheet (PDF) - Analog Devices

AD9884A Datasheet PDF - Analog Devices
Part # AD9884A
Download  AD9884A Download
File Size   186.6 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100 MSPS/140 MSPS Analog Flat Panel Interface

AD9884A Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9884A Datasheet PDF - Analog Devices

Part # AD9884A
Download  AD9884A Click to download

File Size   186.6 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100 MSPS/140 MSPS Analog Flat Panel Interface

AD9884A Datasheet (HTML) - Analog Devices


AD9884A Product details

GENERAL DESCRIPTION

The AD9884A is a complete 8-bit 140 MSPS monolithic analog interface optimized for capturing RGB graphics signals from personal computers and workstations. Its 140 MSPS encode rate capability and full-power analog bandwidth of 500 MHz  supports display resolutions of up to 1280 × 1024 (SXGA) at 75 Hz with sufficient input bandwidth to accurately acquire and digitize each pixel.



FEATURES

140 MSPS Maximum Conversion Rate

500 MHz Analog Bandwidth

0.5 V to 1.0 V Analog Input Range

400 ps p-p PLL Clock Jitter

Power-Down Mode

3.3 V Power Supply

2.5 V to 3.3 V Three-State CMOS Outputs

Demultiplexed Output Ports

Data Clock Output Provided

Low Power: 570 mW Typical

Internal PLL Generates CLOCK from HSYNC

Serial Port Interface

Fully Programmable

Supports Alternate Pixel Sampling for Higher Resolution Applications



APPLICATIONS

RGB Graphics Processing

LCD Monitors and Projectors

Plasma Display Panels

Scan Converters




Similar Part No. - AD9884A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9884A/PCB AD-AD9884A/PCB Datasheet
220Kb / 24P
100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9884AKS-100 AD-AD9884AKS-100 Datasheet
220Kb / 24P
100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9884AKS-140 AD-AD9884AKS-140 Datasheet
220Kb / 24P
100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9884AKSZ-140 AD-AD9884AKSZ-140 Datasheet
220Kb / 24P
100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9884A AD-AD9884A_15 Datasheet
220Kb / 24P
100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
More results


Similar Description - AD9884A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9888 AD-AD9888 Datasheet
249Kb / 32P
100/140/170/205 MSPS Analog Flat Panel Interface
AD9883A AD-AD9883A Datasheet
229Kb / 28P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
8/03-Data Sheet changed from REV. A to REV. B.
AD9985 AD-AD9985 Datasheet
349Kb / 32P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
5/04-Revision 0
AD9985A AD-AD9985A Datasheet
628Kb / 32P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
7/05-Revision 0
AD9888 AD-AD9888_11 Datasheet
501Kb / 36P
100 MSPS/140 MSPS/170 MSPS Analog Flat Panel Interface
REV. C
AD9884AKSZ-140 AD-AD9884AKSZ-140 Datasheet
220Kb / 24P
100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9884A AD-AD9884A_15 Datasheet
220Kb / 24P
100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9888 AD-AD9888_15 Datasheet
501Kb / 36P
100 MSPS/140 MSPS/170 MSPS Analog Flat Panel Interface
REV. C
AD9985 AD-AD9985_15 Datasheet
355Kb / 32P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985A AD-AD9985A_15 Datasheet
629Kb / 32P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com