Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9884A Datasheet(PDF) 2 Page - Analog Devices

Part # AD9884A
Description  100 MSPS/140 MSPS Analog Flat Panel Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9884A Datasheet(HTML) 2 Page - Analog Devices

  AD9884A Datasheet HTML 1Page - Analog Devices AD9884A Datasheet HTML 2Page - Analog Devices AD9884A Datasheet HTML 3Page - Analog Devices AD9884A Datasheet HTML 4Page - Analog Devices AD9884A Datasheet HTML 5Page - Analog Devices AD9884A Datasheet HTML 6Page - Analog Devices AD9884A Datasheet HTML 7Page - Analog Devices AD9884A Datasheet HTML 8Page - Analog Devices AD9884A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
REV. B
–2–
AD9884A–SPECIFICATIONS
(VD = +3.3 V, VDD = +3.3 V, PVD = +3.3 V, ADC Clock Frequency = Maximum, PLL
Clock Frequency = Maximum, Control Registers Programmed to Default State)
Test
AD9884AKS-100
AD9884AKS-140
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
8
8
Bits
DC ACCURACY
Differential Nonlinearity
+25
°CI
±0.5
±1.0
±0.5
+1.15/–1.0
LSB
Full
VI
±1.0
+1.25/–1.0
LSB
Integral Nonlinearity
+25
°CI
±0.5
±1.25
±0.8
±1.4
LSB
Full
VI
±1.75
±2.5
LSB
No Missing Codes
Full
VI
Guaranteed
Guaranteed
ANALOG INPUT
Input Voltage Range
Minimum
Full
VI
0.5
0.5
V p-p
Maximum
Full
VI
1.0
1.0
V p-p
Gain Tempco
+25
°C
V
100
280
ppm/
°C
Input Bias Current
+25
°CI
1
1
µA
Full
VI
1
1
µA
Input Offset Voltage
Full
VI
7
50
7
50
mV
Input Full-Scale Matching
Full
VI
1.5
5.0
1.5
5.0
%FS
Offset Adjustment Range
Full
VI
22
23.5
25
22
23.5
25
%FS
REFERENCE OUTPUT
Output Voltage
Full
VI
+1.20
+1.25
+1.30
+1.20
+1.25
+1.30
V
Temperature Coefficient
Full
V
±50
±50
ppm/
°C
SWITCHING PERFORMANCE
Maximum Conversion Rate
Full
VI
100
140
MSPS
Minimum Conversion Rate
Full
IV
10
10
MSPS
Data to Clock Skew, tSKEW
Full
IV
–0.5
+2.0
–0.5
+2.0
ns
tBUFF
Full
VI
4.7
4.7
µs
tSTAH
Full
VI
4.0
4.0
µs
tDHO
Full
VI
0
0
µs
tDAL
Full
VI
4.7
4.7
µs
tDAH
Full
VI
4.0
4.0
µs
tDSU
Full
VI
250
250
ns
tSTASU
Full
VI
4.7
4.7
µs
tSTOSU
Full
VI
4.0
4.0
µs
HSYNC Input Frequency
Full
IV
15
110
15
110
kHz
Maximum PLL Clock Rate
Full
VI
100
140
MHz
Minimum PLL Clock Rate
Full
IV
20
20
MHz
PLL Jitter
+25
°C
IV
400
700
1
475
750
2
ps p-p
Full
IV
1000
1
1000
2
ps p-p
Sampling Phase Tempco
Full
IV
15
15
ps/
°C
DIGITAL INPUTS
Input Voltage, High (VIH)
Full
VI
2.5
2.5
V
Input Voltage, Low (VIL)
Full
VI
0.8
0.8
V
Input Current, High (IIH)
Full
VI
–1.0
–1.0
µA
Input Current, Low (IIL)
Full
VI
1.0
1.0
µA
Input Capacitance
+25
°CV
3
3
pF
DIGITAL OUTPUTS
Output Voltage, High (VOH)
Full
VI
VDD – 0.1
VDD – 0.1
V
Output Voltage, Low (VOL)
Full
VI
0.1
0.1
V
Duty Cycle
DATACK,
DATACK
Full
IV
45
50
55
45
50
55
%
Output Coding
Binary
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com