Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9884A Datasheet(PDF) 3 Page - Analog Devices

Part # AD9884A
Description  100 MSPS/140 MSPS Analog Flat Panel Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9884A Datasheet(HTML) 3 Page - Analog Devices

  AD9884A Datasheet HTML 1Page - Analog Devices AD9884A Datasheet HTML 2Page - Analog Devices AD9884A Datasheet HTML 3Page - Analog Devices AD9884A Datasheet HTML 4Page - Analog Devices AD9884A Datasheet HTML 5Page - Analog Devices AD9884A Datasheet HTML 6Page - Analog Devices AD9884A Datasheet HTML 7Page - Analog Devices AD9884A Datasheet HTML 8Page - Analog Devices AD9884A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
REV. B
–3–
AD9884A
Test
AD9884AKS-100
AD9884AKS-140
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLY
VD Supply Voltage
Full
IV
3.0
3.3
3.6
3.0
3.3
3.6
V
VDD Supply Voltage
Full
IV
2.2
3.3
3.6
2.2
3.3
3.6
V
PVD Supply Voltage
Full
IV
3.0
3.3
3.6
3.0
3.3
3.6
V
ID Supply Current (VD)
+25
°C
V
125
135
mA
IDD Supply Current (VDD)
3
+25
°C
V
33
47
mA
IPVD Supply Current (PVD)
+25
°C
V
15
15
mA
Total Power Dissipation
Full
VI
570
675
650
775
mW
Power-Down Supply Current
Full
VI
2.0
25
2.0
25
mA
Power-Down Dissipation
Full
VI
6.6
82.5
6.6
82.5
mW
DYNAMIC PERFORMANCE
Analog Bandwidth, Full Power
+25
°C
V
500
500
MHz
Transient Response
+25
°CV
2
2
ns
Overvoltage Recovery Time
+25
°C
V
1.5
1.5
ns
Signal-to-Noise Ratio (SNR)4
+25
°C
I
44.0
46.5
43.5
46.2
dB
(Without Harmonics)
Full
V
46.0
45.0
dB
fIN = 40.7 MHz
Crosstalk
Full
V
60
60
dBc
THERMAL CHARACTERISTICS
θ
JC–Junction-to-Case
Thermal Resistance
V
8.4
8.4
°C/W
θ
JA–Junction-to-Ambient
Thermal Resistance
V
35
35
°C/W
NOTES
1VCORNGE = 01, CURRENT = 001, PLLDIV = 1693
10.
2VCORNGE = 10, CURRENT = 110, PLLDIV = 1600
10.
3DEMUX = 1; DATACK and
DATACK load = 15 pF; Data load = 5 pF.
4Using external pixel clock.
Specifications subject to change without notice.
ORDERING GUIDE
Temperature Package
Package
Model
Range
Description
Option
AD9884AKS-140 0
°C to +70°C MQFP
S-128
AD9884AKS-100 0
°C to +70°C MQFP
S-128
AD9884A/PCB
+25
°C
Evaluation Board
EXPLANATION OF TEST LEVELS
Test Level
I.
100% production tested.
II.
100% production tested at +25
°C and sample tested at specified
temperatures.
III. Sample tested only.
IV. Parameter is guaranteed by design and characterization testing.
V.
Parameter is a typical value only.
VI. 100% production tested at +25
°C; guaranteed by design and
characterization testing.
ABSOLUTE MAXIMUM RATINGS
*
VD, PVD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to +4 V
PVD to VD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±0.5 V
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to +4 V
Analog Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . VD to –0.5 V
REFIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VD to 0.0 V
Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . VD to 0.0 V
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Operating Temperature . . . . . . . . . . . . . . . . . –20
°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . +175
°C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . +150
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions outside of those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum ratings
for extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9884A features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com