Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9883A Datasheet (PDF) - Analog Devices

AD9883A Datasheet PDF - Analog Devices
Part # AD9883A
Download  AD9883A Download
File Size   229.71 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 110 MSPS/140 MSPS Analog Interface for Flat Panel Displays

AD9883A Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9883A Datasheet PDF - Analog Devices

Part # AD9883A
Download  AD9883A Click to download

File Size   229.71 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 110 MSPS/140 MSPS Analog Interface for Flat Panel Displays

AD9883A Datasheet (HTML) - Analog Devices


AD9883A Product details

GENERAL DESCRIPTION
The AD9883A is a complete 8-bit, 140 MSPS, monolithic analog interface optimized for capturing RGB graphics signals from personal computers and workstations. Its 140 MSPS encode rate capability and full power analog bandwidth of 300 MHz supports resolutions up to SXGA (1280 × 1024 at 75 Hz).

FEATURES
   Industrial Temperature Range Operation
   140 MSPS Maximum Conversion Rate
   300 MHz Analog Bandwidth
   0.5 V to 1.0 V Analog Input Range
   500 ps p-p PLL Clock Jitter at 110 MSPS
   3.3 V Power Supply
   Full Sync Processing
   Sync Detect for Hot Plugging
   Midscale Clamping
   Power-Down Mode
   Low Power: 500 mW Typical
   4:2:2 Output Format Mode

APPLICATIONS
   RGB Graphics Processing
   LCD Monitors and Projectors
   Plasma Display Panels
   Scan Converters
   Microdisplays
   Digital TV




Similar Part No. - AD9883A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9883A AD-AD9883A_15 Datasheet
235Kb / 28P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. B
More results


Similar Description - AD9883A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9883 AD-AD9883 Datasheet
177Kb / 24P
110 MSPS Analog Interface for Flat Panel Displays
REV.0
AD9884A AD-AD9884A Datasheet
186Kb / 24P
100 MSPS/140 MSPS Analog Flat Panel Interface
REV.B
AD9985 AD-AD9985 Datasheet
349Kb / 32P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
5/04-Revision 0
AD9985A AD-AD9985A Datasheet
628Kb / 32P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
7/05-Revision 0
AD9888 AD-AD9888_11 Datasheet
501Kb / 36P
100 MSPS/140 MSPS/170 MSPS Analog Flat Panel Interface
REV. C
AD9884AKSZ-140 AD-AD9884AKSZ-140 Datasheet
220Kb / 24P
100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9883A AD-AD9883A_15 Datasheet
235Kb / 28P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. B
AD9884A AD-AD9884A_15 Datasheet
220Kb / 24P
100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9985 AD-AD9985_15 Datasheet
355Kb / 32P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985A AD-AD9985A_15 Datasheet
629Kb / 32P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com