Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9883A Datasheet(PDF) 1 Page - Analog Devices

Part # AD9883A
Description  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9883A Datasheet(HTML) 1 Page - Analog Devices

  AD9883A Datasheet HTML 1Page - Analog Devices AD9883A Datasheet HTML 2Page - Analog Devices AD9883A Datasheet HTML 3Page - Analog Devices AD9883A Datasheet HTML 4Page - Analog Devices AD9883A Datasheet HTML 5Page - Analog Devices AD9883A Datasheet HTML 6Page - Analog Devices AD9883A Datasheet HTML 7Page - Analog Devices AD9883A Datasheet HTML 8Page - Analog Devices AD9883A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
a
AD9883A
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
110 MSPS/140 MSPS Analog Interface
for Flat Panel Displays
FUNCTIONAL BLOCK DIAGRAM
RAIN
ROUTA
GAIN
GOUTA
BAIN
BOUTA
MIDSCV
SYNC
PROCESSING
AND CLOCK
GENERATION
HSYNC
COAST
CLAMP
FILT
DTACK
HSOUT
VSOUT
SOGOUT
REF
REF
BYPASS
SERIAL REGISTER
AND
POWER MANAGEMENT
SCL
SDA
A0
AD9883A
CLAMP
8
A/D
CLAMP
8
A/D
CLAMP
8
A/D
FEATURES
Industrial Temperature Range Operation
140 MSPS Maximum Conversion Rate
300 MHz Analog Bandwidth
0.5 V to 1.0 V Analog Input Range
500 ps p-p PLL Clock Jitter at 110 MSPS
3.3 V Power Supply
Full Sync Processing
Sync Detect for Hot Plugging
Midscale Clamping
Power-Down Mode
Low Power: 500 mW Typical
4:2:2 Output Format Mode
APPLICATIONS
RGB Graphics Processing
LCD Monitors and Projectors
Plasma Display Panels
Scan Converters
Microdisplays
Digital TV
GENERAL DESCRIPTION
The AD9883A is a complete 8-bit, 140 MSPS, monolithic analog
interface optimized for capturing RGB graphics signals from
personal computers and workstations. Its 140 MSPS encode
rate capability and full power analog bandwidth of 300 MHz
supports resolutions up to SXGA (1280
× 1024 at 75 Hz).
The AD9883A includes a 140 MHz triple ADC with internal
1.25 V reference, a PLL, and programmable gain, offset, and
clamp control. The user provides only a 3.3 V power supply,
analog input, and Hsync and COAST signals. Three-state
CMOS outputs may be powered from 2.5 V to 3.3 V.
The AD9883A’s on-chip PLL generates a pixel clock from the
Hsync input. Pixel clock output frequencies range from 12 MHz to
140 MHz. PLL clock jitter is 500 ps p-p typical at 140 MSPS.
When the COAST signal is presented, the PLL maintains its
output frequency in the absence of Hsync. A sampling phase
adjustment is provided. Data, Hsync, and clock output phase
relationships are maintained. The AD9883A also offers full sync
processing for composite sync and sync-on-green applications.
A clamp signal is generated internally or may be provided by
the user through the CLAMP input pin. This interface is fully
programmable via a 2-wire serial interface.
Fabricated in an advanced CMOS process, the AD9883A is pro-
vided in a space-saving 80-lead LQFP surface-mount plastic package
and is specified over the –40
°C to +85°C temperature range.


Similar Part No. - AD9883A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9883A AD-AD9883A_15 Datasheet
235Kb / 28P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. B
More results

Similar Description - AD9883A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9883 AD-AD9883 Datasheet
177Kb / 24P
110 MSPS Analog Interface for Flat Panel Displays
REV.0
AD9884A AD-AD9884A Datasheet
186Kb / 24P
100 MSPS/140 MSPS Analog Flat Panel Interface
REV.B
AD9985 AD-AD9985 Datasheet
349Kb / 32P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
5/04-Revision 0
AD9985A AD-AD9985A Datasheet
628Kb / 32P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
7/05-Revision 0
AD9888 AD-AD9888_11 Datasheet
501Kb / 36P
100 MSPS/140 MSPS/170 MSPS Analog Flat Panel Interface
REV. C
AD9884AKSZ-140 AD-AD9884AKSZ-140 Datasheet
220Kb / 24P
100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9883A AD-AD9883A_15 Datasheet
235Kb / 28P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. B
AD9884A AD-AD9884A_15 Datasheet
220Kb / 24P
100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9985 AD-AD9985_15 Datasheet
355Kb / 32P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985A AD-AD9985A_15 Datasheet
629Kb / 32P
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com