Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # LB
Description  LB Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

LB Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  LB Datasheet HTML 1Page - Sharma Electro Components,Inc LB Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LB Series
Items
Characteristics
Capacitance Tolerance
±20% (M) (120Hz,20℃)
Rated Voltage Range (WV)
160~450VDC
Operating Temperature Range
-40 ~ +105℃
WV
160
200
250
350
400
450
Surge Voltage (V) (20℃)
SV
200
250
300
400
450
500
I≦0.03CV +10μA
(After rated voltage applied for 3 minutes)
Leakage Current (Max) (20℃)
I= Leakage Current (μA) C= Nominal Capacitance (μF) V= Rated Voltage (V)
WV
160
200
250
350
400
450
tanδ
0.15
0.15
0.15
0.24
0.24
0.24
Dissipation Factor (Max)
(tanδ) (120Hz ,20℃)
WV
Z (120Hz)
160
200
250
350
400
450
Z(-25℃) / Z(20℃)
3
3
3
3
3
3
Low Temperature Stability
Impedance Ratio (Max)
Z(-40℃) / Z(20℃)
6
6
6
6
6
6
After applying rated voltage for 2000 hours at 105℃,
the capacitor shall meet the following requirement.
Capacitance Change
Within±20% of the initial value
Dissipation Factor
Not more than 200% of the specified value
Load Life
Leakage Current
Not More than the specified value
Shelf Life
After placed at 105℃without voltage applied for 1000 hours,
the capacitor shall meet the same requirement as load life.
Applicable standards
Refer to JIS C 5101
ψD
10
13
16
18
P
5.0
5.0
7.5
7.5
ψd
0.6
0.6
(0.8)
0.8
0.8
a
1.0
2.0
2.0
2.0
Frequency coefficient
Frequency (Hz)
50
120
1K
10K
100K
<33μF
0.45
0.55
0.75
0.85
1.00
Coefficient
≧33μF
0.60
0.70
0.90
0.95
1.00
Temperature coefficient
Ambient Temperature (℃)
≦
50
70
85
105
Coefficient
1.90
1.75
1.40
1.00
Multiplier for Ripple Current
Dimensions (mm)
Specifications
■ Features
• Lifetime:105℃,2000hrs
• Wide temperature range
• Low Impedance
■ Recommended Applications
• AV(TV, Video, Audio)
• Monitor/Computer
• OA/HA/Communication
• Converter/Inverter
• SMPS
• Ballast
( ) : L≧30
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Description - LB

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LB1608T100M TAIYO-YUDEN-LB1608T100M Datasheet
288Kb / 3P
Wire-wound Chip Inductors (LB series)[LB]
LB2012T101M TAIYO-YUDEN-LB2012T101M_19 Datasheet
288Kb / 3P
Wire-wound Chip Inductors (LB series)[LB]
LB2012T150K TAIYO-YUDEN-LB2012T150K_19 Datasheet
288Kb / 3P
Wire-wound Chip Inductors (LB series)[LB]
LB2012T470K TAIYO-YUDEN-LB2012T470K_19 Datasheet
288Kb / 3P
Wire-wound Chip Inductors (LB series)[LB]
LB2016T100M TAIYO-YUDEN-LB2016T100M_19 Datasheet
289Kb / 3P
Wire-wound Chip Inductors (LB series)[LB]
LB2016T101M TAIYO-YUDEN-LB2016T101M_19 Datasheet
288Kb / 3P
Wire-wound Chip Inductors (LB series)[LB]
LB2016T150K TAIYO-YUDEN-LB2016T150K_19 Datasheet
289Kb / 3P
Wire-wound Chip Inductors (LB series)[LB]
LB2016T220K TAIYO-YUDEN-LB2016T220K_19 Datasheet
288Kb / 3P
Wire-wound Chip Inductors (LB series)[LB]
LB2016T470K TAIYO-YUDEN-LB2016T470K_19 Datasheet
288Kb / 3P
Wire-wound Chip Inductors (LB series)[LB]
logo
RAYEX ELECTRONICS CO., ...
LB1N-12DTS RAYEX-LB1N-12DTS Datasheet
519Kb / 2P
LB SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com