Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB Datasheet(PDF) 2 Page - Sharma Electro Components,Inc

Part # LB
Description  LB Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

LB Datasheet(HTML) 2 Page - Sharma Electro Components,Inc

  LB Datasheet HTML 1Page - Sharma Electro Components,Inc LB Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CASE SIZE (ψDxL(mm)) / MAX PERMISSIBLE RIPPLE CURRENT (RC (mArms) / 120Hz&100KHz,105℃) /
MAX IMPEDANCE (Z(Ω) / 100KHz,20℃)
160
200
250
RC
RC
RC
SPEC
μF
ψDxL
120Hz 100KHz
Z
ψDxL
120Hz 100KHz
Z
ψDxL
120Hz 100KHz
Z
10
10x20
120
220
2.80
22
10x20
195
350
1.00
10x20
195
350
1.00
13x25
165
300
1.40
33
13x20
315
450
0.71
13x20
365
520
0.71
13x25
280
400
1.20
47
13x25
420
600
0.46
13x25
420
600
0.46
16x26
505
720
0.50
68
13x25
420
600
0.45
16x26
665
950
0.25
16x32
570
810
0.22
100
16x26
665
950
0.24
16x32
840
1200
0.17
18x36
735
1050
0.20
220
18x36
980
1400
0.14
350
400
450
RC
RC
RC
SPEC
μF
ψDxL
120Hz 100KHz
Z
ψDxL
120Hz 100KHz
Z
ψDxL
120Hz 100KHz
Z
2.2
10x16
30
50
3.50
10x16
80
140
4.20
10x16
60
110
7.90
3.3
10x16
35
60
3.50
10x20
110
195
2.90
10x20
75
135
6.20
4.7
10x20
45
78
2.50
10x25
120
220
2.30
13x20
105
190
3.70
10
13x20
75
130
1.40
13x25
200
360
1.30
13x25
140
250
2.60
22
16x26
115
205
0.73
16x26
315
570
0.65
16x32
265
480
1.00
33
16x32
180
255
0.65
16x32
490
700
0.46
18x36
455
650
0.65
47
18x32
225
320
0.50
18x32
600
860
0.33
100
18x45
370
530
0.45
Case Size / Max Ripple Current / Impedance
WV
WV
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com