Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # SH
Description  SH Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

SH Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  SH Datasheet HTML 1Page - Sharma Electro Components,Inc SH Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SH Series
Items
Characteristics
Capacitance Tolerance
±20% (M) (120Hz,20℃)
Rated Voltage Range (WV)
4~63 VDC
Operating Temperature Range
-40 ~ +105℃
WV
4
6.3
10
16
25
35
50
63
Surge Voltage (V) (20℃)
SV
5
8
13
20
32
44
63
79
I≦0.002CV or 0.4μA whichever is greater
(After rated voltage applied for 2 minutes)
Leakage Current (Max) (20℃)
I= Leakage Current (μA) C= Nominal Capacitance (μF) V= Rated Voltage (V)
WV
4
6.3
10
16
25
35
50
63
tanδ
0.35
0.24
0.20
0.16
0.14
0.12
0.10
0.08
Dissipation Factor (Max)
(tanδ) (120Hz ,20℃)
WV
Z (120Hz)
4
6.3
10
16
25
35
50
63
Z(-25℃) / Z(20℃)
6
4
3
2
2
2
2
2
Low Temperature Stability
Impedance Ratio (Max)
Z(-40℃) / Z(20℃)
12
8
6
4
4
3
3
3
After applying rated voltage for 1000 hours at 105℃,
the capacitor shall meet the following requirement.
Capacitance Change
Within±20% of the initial value
Dissipation Factor
Not more than 200% of the specified value
Load Life
Leakage Current
Not more than the specified value
Shelf Life
After placed at 105℃without voltage applied for 500 hours,
the capacitor shall meet the same requirement as load life.
Applicable standards
Refer to JIS C 5101
ψD
4
5
6.3
8
P
1.5
2.0
2.5
3.5
ψd
0.45
0.5
0.5
0.5
a
1.0
1.0
1.0
1.0
Frequency coefficient
Freq. (Hz)
WV (VDC)
50
120
1K
10K
4~10
0.80
1.00
1.10
1.20
16~25
0.80
1.00
1.20
1.30
35~63
0.80
1.00
1.50
1.70
Temperature coefficient
Ambient Temperature (℃)
≦
50
70
85
105
Coefficient
1.90
1.75
1.40
1.00
Multiplier for Ripple Current
Dimensions (mm)
Specifications
■ Features
• Lifetime:105℃,1000hrs
• Wide temperature range
for SL
• Low leakage current
• Low profile/Miniature
• 7mm height
■ Recommended Applications
• AV(TV, Video, Audio)
• OA/HA/Communication
• Hi- Fi Pre-Amp
• Timer/Oscillation circuit
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Description - SH

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2761499 PHOENIX-2761499 Datasheet
145Kb / 4P
SUBCON 9/F-SH
1621553 PHOENIX-1621553 Datasheet
345Kb / 9P
Coupler connector - SH-8EPC58A9LB1S
02/04/2022
1621997 PHOENIX-1621997 Datasheet
84Kb / 7P
Cable connector - SH-8ESC58A8LDL
08/23/2016
1621549 PHOENIX-1621549 Datasheet
148Kb / 10P
Coupler connector - SH-8EPC58A9LDLS
09/11/2020
logo
Ningbo Leison Motor Co....
RS-555SH NINGBO-RS-555SH Datasheet
694Kb / 1P
RS-555 SH/SA
logo
Lapp.
21700641 LAPP-21700641 Datasheet
142Kb / 2P
AB-C5-CCR-SH
17.09.2018
52000830 LAPP-52000830 Datasheet
174Kb / 2P
SKINDICHT® SH
03.07.2018
logo
PHOENIX CONTACT
1621547 PHOENIX-1621547 Datasheet
587Kb / 15P
SH-8ESS48A9LB2S - Coupler connector
1622008 PHOENIX-1622008 Datasheet
691Kb / 18P
SH-8EPC58A8LB4 - Cable connector
1244516 PHOENIX-1244516 Datasheet
522Kb / 14P
SH-8EPS48A8LB3X - Cable connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com