Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH Datasheet(PDF) 2 Page - Sharma Electro Components,Inc

Part # SH
Description  SH Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

SH Datasheet(HTML) 2 Page - Sharma Electro Components,Inc

  SH Datasheet HTML 1Page - Sharma Electro Components,Inc SH Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CASE SIZE (ψDxL(mm)) / MAX PERMISSIBLE RIPPLE CURRENT (RC(mArms) / 120Hz,105℃)
4
6.3
10
16
25
35
SPEC
μF
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
4.7
4x7
20
10
4x7
25
4x7
25
4x7
25
5x7
30
22
4x7
25
4x7
30
4x7
35
4x7
35
5x7
45
6.3x7
45
33
4x7
35
4x7
40
5x7
40
5x7
50
5x7
55
6.3x7
60
47
4x7
40
5x7
45
6.3x7
50
6.3x7
55
6.3x7
70
100
5x7
70
5x7
75
6.3x7
80
6.3x7
85
220
6.3x7
115
6.3x7
125
8x7
150
50
63
SPEC
μF
ψDxL
RC
ψDxL
RC
0.1
4x7
1
4x7
1
0.22
4x7
2
4x7
2
0.33
4x7
3
4x7
3
0.47
4x7
5
4x7
5
1
4x7
15
4x7
15
2.2
4x7
20
4x7
20
3.3
4x7
20
5x7
25
4.7
5x7
25
6.3x7
30
10
6.3x7
40
Case Size / Max Ripple Current
WV
WV
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com