Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # SP
Description  SP Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

SP Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  SP Datasheet HTML 1Page - Sharma Electro Components,Inc SP Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SP Series
Items
Characteristics
Capacitance Tolerance
±20% (M) (120Hz,20℃)
Rated Voltage Range (WV)
4~63 VDC
Operating Temperature Range
-40 ~ +105℃
WV
4
6.3
10
16
25
35
50
63
Surge Voltage (V) (20℃)
SV
5
8
13
20
32
44
63
79
I≦0.06CV+10μA
(After rated voltage applied for 2 minutes)
Leakage Current (Max) (20℃)
I= Leakage Current (μA) C= Nominal Capacitance (μF) V= Rated Voltage (V)
WV
4
6.3
10
16
25
35
50
63
tanδ
0.35
0.24
0.20
0.16
0.16
0.14
0.12
0.10
Dissipation Factor (Max)
(tanδ) (120Hz ,20℃)
WV
Z (120Hz)
4
6.3
10
16
25
35
50
63
Z(-25℃) / Z(20℃)
6
4
3
2
2
2
2
2
Low Temperature Stability
Impedance Ratio (Max)
Z(-40℃) / Z(20℃)
12
8
6
4
4
3
3
3
After applying rated voltage for 1000 hours at 105℃,
the capacitor shall meet the following requirement.
(The polarity shall be reversed every 250 hours)
Capacitance Change
Within±20% of the initial value
Dissipation Factor
Not more than 200% of the specified value
Load Life
Leakage Current
Not more than the specified value
Shelf Life
After placed at 105℃without voltage applied for 500 hours,
the capacitor shall meet the same requirement as load life.
Applicable standards
Refer to JIS C-5101
ψD
4
5
6.3
P
1.5
2.0
2.5
ψd
0.45
0.5
0.5
a
1.0
1.0
1.0
Frequency coefficient
Freq. (Hz)
WV (VDC)
50
120
1K
10K
4~10
0.80
1.00
1.10
1.20
16~25
0.80
1.00
1.20
1.30
35~63
0.80
1.00
1.50
1.70
Temperature coefficient
Ambient Temperature (℃)
≦
50
70
85
105
Coefficient
1.90
1.75
1.40
1.00
Multiplier for Ripple Current
Dimensions (mm)
■ Features
• Lifetime:105℃,1000hrs
• Wide temperature range
for SN
• Non-polarized/Polarity
reversing
• Low profile/Miniature
• 7mm height
■ Recommended Applications
• Reversed polarity circuit
• Coupling
Specifications
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Description - SP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RCV336ACF ETC1-RCV336ACF Datasheet
4Mb / 66P
RCV336ACF/SP and RCV144ACF/SP Modem Device
logo
TRIAD MAGNETICS
SP-4 TRIAD-SP-4 Datasheet
33Kb / 1P
SP-4
SP-21 TRIAD-SP-21 Datasheet
39Kb / 1P
SP-21
SP-33 TRIAD-SP-33 Datasheet
42Kb / 1P
SP-33
SP-42 TRIAD-SP-42 Datasheet
55Kb / 1P
SP-42
SP-48 TRIAD-SP-48 Datasheet
45Kb / 1P
SP-48
SP-51 TRIAD-SP-51 Datasheet
44Kb / 1P
SP-51
SP-66 TRIAD-SP-66 Datasheet
45Kb / 1P
SP-66
SP-67 TRIAD-SP-67 Datasheet
44Kb / 1P
SP-67
SP-70 TRIAD-SP-70 Datasheet
41Kb / 1P
SP-70
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com