Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP Datasheet(PDF) 2 Page - Sharma Electro Components,Inc

Part # SP
Description  SP Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

SP Datasheet(HTML) 2 Page - Sharma Electro Components,Inc

  SP Datasheet HTML 1Page - Sharma Electro Components,Inc SP Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CASE SIZE (ψDxL(mm)) & MAX PERMISSIBLE RIPPLE CURRENT (RC(mArms) / 120Hz,105 ℃)
4
6.3
10
16
25
35
SPEC
μF
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
2.2
4x7
15
3.3
4x7
15
5x7
15
4.7
4x7
20
5x7
20
5x7
20
10
4x7
20
5x7
25
6.3x7
30
6.3x7
35
22
5x7
30
5x7
35
6.3x7
40
6.3x7
45
33
5x7
30
5x7
35
6.3x7
45
6.3x7
50
6.3x7
55
47
5x7
35
6.3x7
45
6.3x7
55
6.3x7
60
100
6.3x7
55
50
63
SPEC
μF
ψDxL
RC
ψDxL
RC
0.1
4x7
1
4x7
1
0.22
4x7
2
4x7
2
0.33
4x7
3
4x7
3
0.47
4x7
5
4x7
5
1
4x7
10
4x7
15
2.2
4x7
15
5x7
20
3.3
5x7
20
6.3x7
25
4.7
6.3x7
25
6.3x7
30
Case Size &Max Ripple Current
WV
WV
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com