Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD53522JSQ Datasheet(PDF) 5 Page - Analog Devices

Part # AD53522JSQ
Description  High Speed Dual Pin Electronic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53522JSQ Datasheet(HTML) 5 Page - Analog Devices

  AD53522JSQ Datasheet HTML 1Page - Analog Devices AD53522JSQ Datasheet HTML 2Page - Analog Devices AD53522JSQ Datasheet HTML 3Page - Analog Devices AD53522JSQ Datasheet HTML 4Page - Analog Devices AD53522JSQ Datasheet HTML 5Page - Analog Devices AD53522JSQ Datasheet HTML 6Page - Analog Devices AD53522JSQ Datasheet HTML 7Page - Analog Devices AD53522JSQ Datasheet HTML 8Page - Analog Devices AD53522JSQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. A
–5–
AD53522
COMPARATOR1
Spec
Spec
3
No.
Parameter
Conditions
Min
Typ
2
Max
Unit
Perf
DC INPUT CHARACTERISTICS
200
VCCO Range
+2.0
+4.5
V
N
201
Offset Voltage (VOS)
Common-Mode Voltage = 0 V
–25
+25
mV
P
202
Offset Voltage Drift
Common-Mode Voltage = 0 V
+50
µV/°CN
203
HCOMP, LCOMP
Over Linearity Range
–50
+50
µAP
BIAS CURRENTS
206
Voltage Range (VCM)
–0.5
+6.5
V
P
207
Differential Voltage (VDIFF)+7
V
P
208
Gain Error
VIN = –0.5 V to +6.5 V
–0.25
0.0
%FSR
N
209
Linearity Error
VIN = –0.5 V to +6.5 V
–2
+2
mV
N
210
Extended Range Operation
HCOMP, LCOMP = –1, Output
–1.0
V
P
Toggle VOUT from –0.9 V to –1.1 V
DIGITAL OUTPUTS
220
Logic 1 Voltage Q
Q or QB, 150
Ω to GND,
VCCO – 1.05
VCCO – 0.85
V
P
150
Ω from Q to QB
221
Logic 0 Voltage QB
Q or QB, 150
Ω to GND,
VCCO – 2.2
VCCO – 1.5
V
P
150
Ω from Q to QB
222
Logic Differential, Q–QB
Q or Qb, 150
Ω to GND,
0.65
0.9
1.15
V
P
150
Ω from Q to QB
225
Slew Rate
Q or QB (20% – 80% of output,
380
ps
N
150
Ω from Q to QB)
CHANNEL COMPARATOR SWITCHING PERFORMANCE
PROPAGATION DELAY
5, 6, 7
240
Input to Output
VIN = 3 V p-p, 2 V/ns
0.7
1.1
ns
P
241
Propagation Delay Tempco
VIN = 3 V p-p, 2 V/ns
1.0
ps/
°CN
Prop Delay Change with respect to:
250
Slew Rate: 1, 2, 3 V/ns
VIN = 0 V to 3 V
120
ps
N
260
Amplitude: 500 mV, 1.0 V, 3.0 V
VIN = 1.0 V/ns
100
ps
N
270
Equivalent Input Rise Time
VIN = 0 V to 2 V, < 80 ps,
275
ps
N
20%–80% Rise Time
Driver in VTERM = 0 V
280
Pulse Width Linearity
VIN = 0 V to 3 V, 2 V/ns, PW =
50
ps
N
3, 4, 5, 10 ns, Driver Hi-Z mode
281
Settling Time
Settling to
±8 mV, VIN = 0 V to
25
ns
N
3 V, Driver Hi-Z mode
282
Hysteresis
6mV
N
290
Comparator Propagation Delay
VIN = 0 V to 3 V, 2 V/ns
125
ps
P
Matching, HCOMP to LCOMP
INPUT CHARACTERISTICS (INHL, INHLB)
See Driver Spec No. 1
300
Input Voltage
VIOH = 1 V, VIOL = 1 V,
0
+3.3
V
P
VCOM = 2 V, VDUT = 0 V
301
INHL, INHLB Bias Current
INHL, INHLB = 0 V, 3.3 V,
–250
+250
µAP
AC Tests 0.2 V and 0.8 V
302
VIOH Current Program Range,
VDUT = 0.8 V, 6.5 V
0
+4.0
V
P
IOH = 0 mA to –40 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com