Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD53522JSQ Datasheet(PDF) 7 Page - Analog Devices

Part # AD53522JSQ
Description  High Speed Dual Pin Electronic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53522JSQ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD53522JSQ Datasheet HTML 3Page - Analog Devices AD53522JSQ Datasheet HTML 4Page - Analog Devices AD53522JSQ Datasheet HTML 5Page - Analog Devices AD53522JSQ Datasheet HTML 6Page - Analog Devices AD53522JSQ Datasheet HTML 7Page - Analog Devices AD53522JSQ Datasheet HTML 8Page - Analog Devices AD53522JSQ Datasheet HTML 9Page - Analog Devices AD53522JSQ Datasheet HTML 10Page - Analog Devices AD53522JSQ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. A
–7–
AD53522
DYNAMIC CLAMP1
Spec
Spec
3
No.
Parameter
Conditions
Min
Typ
2
Max
Unit
Perf
400
Input Voltage VCH
2
7.5
V
P
401
Input Voltage VCL
–1.5
+4
V
P
402
Input Bias Current VCH/VCL
Overrange Spec 401, 402
–250
+250
µAP
410
VCH, VCL Offset Error
ITEST = 1 mA
–250
+250
mV
P
411
VCH, VCL Gain Error
ITEST = 1 mA
0.96
1.01
V/V
P
420
Static Current Capability
50
75
mA
N
430
Incremental Resistance
11 mA to 21 mA
45
48
52
Ω
P
440
VCHP, VCLP Protection
0.52
0.64
V
P
Diodes Vf @ 500
µA
441
Protection Diodes Max Current
For Information Only
2
mA
N
TOTAL FUNCTION
Spec
Spec
3
No.
Parameter
Conditions
Min
Typ
2
Max
Unit
Perf
500
PWRD Input Voltage
0
5
V
P
501
PWRD Bias Current
PWRD Trip Point 1.4 V
± 0.15 V
–250
+250
µAP
503
Power-Down Supply Reduction
VIOH = 0 V, VIOL = 0 V
35
60
%
P
504
Power-Down Output
VIOH = 0 V, VIOL = 0 V,
–20
+20
nA
P
Leakage Current
VOUT = –0.5 V to +5.5 V
505
Power-Down Output
VIOH = 0 V, VIOL = 0 V,
–500
+500
nA
P
Leakage Current
VOUT = 5.5 V to 6.5 V
600
Output Leakage Current
VOUT = –0.5 V to +6.5 V
–1
+1
µAP
601
Output Leakage Current
VOUT = 0 V to 5 V
–500
+500
nA
P
602
Output Leakage Current
VOUT = –1 V
–5
+5
µAP
605
Output Capacitance
Driver and Load Inhibited
9.2
pF
N
606
Output Capacitance Term
Driver VTERM = 0 V, Load Inhibited
2.5
pF
N
POWER SUPPLIES
Spec
Spec
3
No.
Parameter
Conditions
Min
Typ
2
Max
Unit
Perf
610
Total Supply Range
15
V
N
620
Positive Supply, VCC
+10.5
V
N
630
Negative Supply, VEE
–4.5
V
N
640
Positive Supply Current, VCC
Driver = Inhibit, ILOAD Program = 40 mA,
465
570
mA
P
Load = Active
650
Negative Supply Current, VEE
Driver = Inhibit, ILOAD Program = 40 mA,
475
600
mA
P
Load = Active
651
Comparator Supply Current
Driver = Inhibit, ILOAD Program = 40 mA,
45
mA
P
Overhead, VCCO
Load = Active (IVCCO – (comparator
logic output currents))
660
Total Power Dissipation
Driver = Inhibit, ILOAD Program = 40 mA,
7.2
7.9
W
P
Load = Active
661
Total Power Dissipation
Driver = Inhibit, ILOAD Program = 40 mA, 0 mA
5.2
5.9
W
P
700
Temperature Sensor Gain Factor
RLOAD = 10 k
Ω, V
SOURCE = 10.5 V
1
µA/°KN
NOTES
1All temperature coefficients are measured at T
J = 75
°C to 95°C. In test figures, voltmeter loading is 1 MΩ or greater, scope probe loading is 100 kΩ in parallel with 0.6 pF.
2Typical values are not tested or guaranteed. Nominal values are generated from design or simulation analyses and/or limited bench evaluations and are not tested or guaranteed.
3Spec Perf: N = Nominal, O = Operating Condition, T = Typical, P = Production, Max/Min.
4VTERM linearity over the following condition: VL – 6 V < VTERM < VH + 6 V.
5All ac input values are referred to the source end of transmission line input.
6All ac tests are performed with driver in VTERM mode except where noted.
7Rise time is calculated SQRT((comp out Tr)2 – (comp in Tr)2).
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com