Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC101S101 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC101S101
Description  1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC101S101 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  ADC101S101 Datasheet HTML 1Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 2Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 3Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 4Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 5Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 6Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 7Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 8Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Ordering Information
Order Code
Temperature
Range
Description
Top Mark
ADC121S101CIMF
−40˚C to
+125˚C
6-Lead SOT-23 Package
X01C
ADC101S101CIMF
−40˚C to +85˚C
6-Lead SOT-23 Package
X02C
ADC081S101CIMF
−40˚C to +85˚C
6-Lead SOT-23 Package
X03C
ADC121S101CIMFX
−40˚C to
+125˚C
6-Lead SOT-23 Package, Tape & Reel
X01C
ADC101S101CIMFX
−40˚C to +85˚C
6-Lead SOT-23 Package, Tape & Reel
X02C
ADC081S101CIMFX
−40˚C to +85˚C
6-Lead SOT-23 Package, Tape & Reel
X03C
ADC081S101CISDX
−40˚C to +85˚C
6-Lead LLP Package, Tape & Reel
X3C
ADC081S101CISD
−40˚C to +85˚C
6-Lead LLP Package, Tape & Partial Reel
X3C
ADC121S101EVAL
SOT-23 Evaluation Board
ADC101S101EVAL
SOT-23 Evaluation Board
ADC081S101EVAL
SOT-23 Evaluation Board
Pin Descriptions
Pin No.
Symbol
Description
ANALOG I/O
3V
IN
Analog input. This signal can range from 0V to V
DD.
DIGITAL I/O
4
SCLK
Digital clock input. The range of frequencies for this input is 10 kHz to 20 MHz, with
guaranteed performance at 20 MHz. This clock directly controls the conversion and readout
processes.
5
SDATA
Digital data output. The output words are clocked out of this pin by the SCLK pin.
6CS
Chip select. A conversion process begins on the falling edge of CS.
POWER SUPPLY
1V
DD
Positive supply pin. These pins should be connected to a quiet +2.7V to +5.25V source and
bypassed to GND with 0.1 µF and 1 µF monolithic capacitors located within 1 cm of the
power pin. The ADC121S101/101S101/081S101 uses this power supply as a reference, so it
should be thoroughly bypassed.
2
GND
The ground return for the supply.
Block Diagram
20110218
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com