Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC101S101 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC101S101
Description  1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC101S101 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button ADC101S101 Datasheet HTML 5Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 6Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 7Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 8Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 9Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 10Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 11Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 12Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
ADC121S101/ADC101S101/ADC081S101 Timing Specifications
The following specifications apply for V
DD = +2.7V to 5.25V, fSCLK = 20 MHz, Boldface limits apply for TA = −40˚C to +85˚C:
all other limits T
A = 25˚C, unless otherwise noted. (Note 11)
Symbol
Parameter
Conditions
Typical
Limits
Units
t
CONVERT
16xt
SCLK
t
QUIET
(Note 7)
50
ns (min)
t
1
Minimum CS Pulse Width
10
ns (min)
t
2
CS to SCLK Setup Time
10
ns (min)
t
3
Delay from CS Until SDATA
TRI-STATE® Disabled (Note 8)
20
ns (max)
t
4
Data Access Time after SCLK Falling
Edge(Note 9)
V
DD = +2.7 to +3.6
40
ns (max)
V
DD = +4.75 to +5.25
20
ns (max)
t
5
SCLK Low Pulse Width
0.4 x
t
SCLK
ns (min)
t
6
SCLK High Pulse Width
0.4 x
t
SCLK
ns (min)
t
7
SCLK to Data Valid Hold Time
V
DD = +2.7 to +3.6
7
ns (min)
V
DD = +4.75 to +5.25
5
ns (min)
t
8
SCLK Falling Edge to SDATA High
Impedance (Note 10)
V
DD = +2.7 to +3.6
25
ns (max)
6
ns (min)
V
DD = +4.75 to +5.25
25
ns (max)
5
ns (min)
t
POWER-UP
Power-Up Time from Full
Power-Down
1µs
Note 1: Absolute maximum ratings are limiting values, to be applied individually, and beyond which the serviceability of the circuit may be impaired. Functional
operability under any of these conditions is not implied. Exposure to maximum ratings for extended periods may affect device reliability.
Note 2: All voltages are measured with respect to GND = 0V, unless otherwise specified
Note 3: Specification limit guaranteed by design.
Note 4: See the section titled "Surface Mount" found in a current National Semiconductor Linear Databook for other methods of soldering suface mount devices.
Note 5: Except power supply pins.
Note 6: Independent of supply voltage.
Note 7: Minimum Quiet Time Required Between Bus Relinquish and Start of Next Conversion
Note 8: Measured with the load circuit shown above, and defined as the time taken by the output to cross 1.0V.
Note 9: Measured with the load circuit shown above, and defined as the time taken by the output to cross 1.0V or 2.0V.
Note 10: t8 is derived from the time taken by the outputs to change by 0.5V with the loading circuit shown above. The measured number is then adjusted to remove
the effects of charging or discharging the 25pF capacitor. This means t8 is the true bus relinquish time, independent of the bus loading.
Note 11: All input signals are specified as tr =tf = 5 ns (10% to 90% VDD) and timed from 1.6V.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com