Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADD8709 Datasheet(PDF) 1 Page - Analog Devices

Part # ADD8709
Description  18-Channel Gamma Buffer with Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8709 Datasheet(HTML) 1 Page - Analog Devices

  ADD8709 Datasheet HTML 1Page - Analog Devices ADD8709 Datasheet HTML 2Page - Analog Devices ADD8709 Datasheet HTML 3Page - Analog Devices ADD8709 Datasheet HTML 4Page - Analog Devices ADD8709 Datasheet HTML 5Page - Analog Devices ADD8709 Datasheet HTML 6Page - Analog Devices ADD8709 Datasheet HTML 7Page - Analog Devices ADD8709 Datasheet HTML 8Page - Analog Devices ADD8709 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
18-Channel Gamma Buffer
with Regulator
ADD8709
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Integrated voltage regulator
Upper/lower buffers swing to VDD/GND
Single-supply operation: 7.5 V to 16.5 V
Continuous current drive: 15 mA
High peak output current: 150 mA
Low offset voltage: 15 mV max
Output voltage stable under transient load conditions
APPLICATIONS
TFT LCD monitor panels
TFT LCD TV panels
GENERAL DESCRIPTION
The ADD8709 is an 18-channel gamma reference for use in
high-resolution TFT LCD monitor and TV panels. The output
buffers feature low offset voltage and high current drive under
transient load conditions to provide a more accurate and stable
gamma curve. Two channels swing to VDD and two channels
swing to GND, increasing the overall range of the curve. An
on-board voltage regulator is available for external applications.
Here again, external component costs are reduced and the
quality of the gray scale is increased.
The ADD8709 is specified over the temperature range of
–40°C to +100°C and comes in a robust, low profile quad
flat package.
FUNCTIONAL BLOCK DIAGRAM
18
18
VREG
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
Figure 1. 48-Lead LQFP


Similar Part No. - ADD8709

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8709 AD-ADD8709_15 Datasheet
520Kb / 16P
18-Channel Gamma Buffer with Regulator
REV. A
More results

Similar Description - ADD8709

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
12-Channel Gamma Buffers with VCOM Buffer
REV.0
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
VCOM with Dual Gamma Buffer
March 25, 2004
logo
Analog Devices
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
12-Channel Gamma Buffers with Vcom Buffer
REV.0
ADD8708 AD-ADD8708 Datasheet
611Kb / 16P
18-Channel Gamma Buffer with Regulator
10/04-Revision 0
logo
Maxim Integrated Produc...
DS3508 MAXIM-DS3508 Datasheet
193Kb / 14P
I2C, 8-Channel Gamma Buffer with EEPROM
Rev 1; 3/08
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702_15 Datasheet
237Kb / 8P
12-Channel Gamma Buffers with V Buffer
REV. 0
ADD8708 AD-ADD8708_15 Datasheet
612Kb / 16P
18-Channel Gamma Buffer with Regulator
REV. 0
ADD8709 AD-ADD8709_15 Datasheet
520Kb / 16P
18-Channel Gamma Buffer with Regulator
REV. A
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
10-Channel Gamma Buffer with VCOM Driver
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com