Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG3257 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG3257
Description  High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux (4-Bit, 1 of 2) Bus Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3257 Datasheet(HTML) 1 Page - Analog Devices

  ADG3257 Datasheet HTML 1Page - Analog Devices ADG3257 Datasheet HTML 2Page - Analog Devices ADG3257 Datasheet HTML 3Page - Analog Devices ADG3257 Datasheet HTML 4Page - Analog Devices ADG3257 Datasheet HTML 5Page - Analog Devices ADG3257 Datasheet HTML 6Page - Analog Devices ADG3257 Datasheet HTML 7Page - Analog Devices ADG3257 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
a
ADG3257
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
REV. C
High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux
(4-Bit, 1 of 2) Bus Switch
FUNCTIONAL BLOCK DIAGRAM
1A
2A
3A
4A
4B2
4B1
3B2
3B1
2B2
2B1
1B2
1B1
BE
S
LOGIC
FEATURES
100 ps Propagation Delay through the Switch
2
Switches Connect Inputs to Outputs
Data Rates up to 933 Mbps
Single 3.3 V/5 V Supply Operation
Level Translation Operation
Ultralow Quiescent Supply Current (1 nA Typical)
3.5 ns Switching
Standard ‘3257 Type Pinout
APPLICATIONS
Bus Switching
Bus Isolation
Level Translation
Memory Switching/Interleaving
PRODUCT HIGHLIGHTS
1. 0.1 ns propagation delay through switch
2. 2
Ω switches connect inputs to outputs
3. Bidirectional operation
4. Ultralow power dissipation
5. 16-lead QSOP package
Table I. Truth Table
BE
S
Function
HX
DISABLE
LL
A = B1
LH
A = B2
GENERAL DESCRIPTION
The ADG3257 is a CMOS bus switch comprised of four 2:1
multiplexers/demultiplexers with high impedance outputs. The
device is manufactured on a CMOS process. This provides low
power dissipation yet high switching speed and very low ON
resistance, allowing the inputs to be connected to the outputs
without adding propagation delay or generating additional ground
bounce noise.
The ADG3257 operates from a single 3.3 V/5 V supply. The
control logic for each switch is shown in Table I. These switches
are bidirectional when ON. In the OFF condition, signal levels are
blocked up to the supplies.
This bus switch is suited to both switching and level translation
applications. It may be used in applications requiring level
translation from 3.3 V to 2.5 V when powered from 3.3 V.
Additionally, with a diode connected in series with 5 V VDD,
the ADG3257 may also be used in applications requiring 5 V
to 3.3 V level translation.


Similar Part No. - ADG3257

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3257 AD-ADG3257 Datasheet
420Kb / 12P
High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux (4-Bit, 1 of 2) Bus Switch
Rev. E
ADG3257BRQ AD-ADG3257BRQ Datasheet
420Kb / 12P
High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux (4-Bit, 1 of 2) Bus Switch
Rev. E
ADG3257BRQ AD-ADG3257BRQ Datasheet
420Kb / 12P
High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux (4-Bit, 1 of 2) Bus Switch
Rev. E
ADG3257BRQ-REEL AD-ADG3257BRQ-REEL Datasheet
420Kb / 12P
High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux (4-Bit, 1 of 2) Bus Switch
Rev. E
ADG3257BRQ-REEL AD-ADG3257BRQ-REEL Datasheet
420Kb / 12P
High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux (4-Bit, 1 of 2) Bus Switch
Rev. E
More results

Similar Description - ADG3257

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3257 PERICOM-PI3B3257 Datasheet
192Kb / 5P
3.3V, Quad 2:1 Mux/Demux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
2:1 Mux/Demux Bus Switch
logo
Integrated Device Techn...
IDT74FST3257 IDT-IDT74FST3257 Datasheet
146Kb / 5P
QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
Quad 2:1 Mux/DeMux Bus Switch
logo
Analog Devices
ADG3257BRQ-REEL AD-ADG3257BRQ-REEL Datasheet
420Kb / 12P
High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux (4-Bit, 1 of 2) Bus Switch
Rev. E
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Analog Devices
ADG3257 AD-ADG3257_15 Datasheet
420Kb / 12P
High Speed, 3.3 V/5 V Quad 2 1 Mux/Demux
Rev. E
logo
Unisonic Technologies
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
ON Semiconductor
NL3HS3124A ONSEMI-NL3HS3124A Datasheet
120Kb / 7P
3.3 V, 2 Channel, 2:1 Differential Mux/Demux
December, 2016 ??Rev. 1
logo
Analog Devices
ADG3257 AD-ADG3257_V01 Datasheet
420Kb / 12P
High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux (4-Bit, 1 of 2) Bus Switch
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com