Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CER0803A Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0803A
Description  Surface mount, silver (Ag) coated ceramic filter.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0803A Datasheet(HTML) 2 Page - CTS Corporation

  CER0803A Datasheet HTML 1Page - CTS Corporation CER0803A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0803A
2132.5 MHz Monoblock LR Series BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
٠ CTS Electronic Components ٠ www.ctscorp.com - 4800 Alameda Blvd. NE – Albuquerque, NM 87113-
Mechanical Drawing
Electrical response
Packaging and Marking
PCB Layout
Input
Output
Dim
Nominal (mm)
Tolerance (mm)
+/- or max
A
16.42
max
B
4.2
0.13
C
5.3
0.13
D
4.85
max
E
4.9
max
F
0.51
0.13
G
0.51
0.13
H
1.02
0.13
I
1.02
0.13
J
6.03
max
Customer Feed Direction
CTS
803
YWW
DIMENSION
UNITS SPECIFICATION
REEL DIAMETER
mm
330
REEL WEIGHT
kg
3.1
REEL QUANTITY
ea.
500
Wo
Ao
Bo
Ko
Po
Inches/mm
Inches/mm
Inches/mm
Inches/mm
Inches/mm
0.945" / 24.0 0.248" / 6.3 0.657" / 16.7 0.201" / 5.1 0.472" / 12.0
-80
-70
-60
-50
-40
-30
-20
-10
0
1550 1650 1750 1850 1950 2050 2150 2250 2350
-40
-30
-20
-10
0
10
20
30
40
Revision B – Origin Date: June 6, 2010 – Revision Date: July 11, 2011



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com