Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CER0803A Datasheet(PDF) 1 Page - CTS Corporation

Part # CER0803A
Description  Surface mount, silver (Ag) coated ceramic filter.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0803A Datasheet(HTML) 1 Page - CTS Corporation

  CER0803A Datasheet HTML 1Page - CTS Corporation CER0803A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CER0803A
2132.5 MHz Monoblock LR Series BPF
Features
• Low Ripple
• High Rejection
• Low Loss
Description
Surface mount, silver (Ag) coated ceramic
filter. Developed for use in AWS infrastructure
applications, CTS Monoblock LR Series
Filters are designed to minimize ripple and
maximize rejection.
Weight: 4.7 grams typical
Material:
Filter is composed of a ceramic
block coated with Ag and a shield made of
nickel silver plated steel.
Filter complies with RoHS standards.
Electrical Specifications
Revision B – Origin Date: June 6, 2010 – Revision Date: July 11, 2011
Parameter
Frequency
(MHz)
Typical @ 25ºC Specification @ 25C
Spec. over
-40ºC to +85ºC
Passband Insertion Loss
2110 – 2155
-1.20
-1.80
-2.00
Passband Ripple
2110 – 2155
0.40
0.60
0.80
Passband Return Loss @ Port 1
2110 – 2155
-16.00
-14.00
-14.00
Passband Return Loss @ Port 2
2110 – 2155
-16.00
-14.00
-14.00
Attenuation:
0.1 - 1000
-50.00
-40.00
-40.00
1000 - 1710
-45.00
-40.00
-40.00
1710 - 1755
-47.00
-45.00
-45.00
1755 - 1910
-46.00
-40.00
-40.00
1910 - 1995
-44.00
-40.00
-40.00
2400 - 2500
-28.00
-25.00
-25.00
2500 - 3000
-35.00
-30.00
-30.00
Power into any port
3 Watt max.
Note: Supplier shall test each filter to the critical electrical specifications of the above table. Any subsequent audits may deviate from in value due to measurement
repeatability among different test systems. Such deviations shall not exceed the following limits:
Specification Allowance
Insertion Loss
0.1 dB
Return Loss
1.0 dB
Stopbands
1.0 dB
•“This product is covered by one or more of the following U.S. and foreign patents including: US 4,692,726;US 4,742,562; US 4,800,348;US 4,829,274;US 5,146,193;EP 0573597;DE 0573597;FR 0573597;JP 508149/92;KR 142171;US
5,162,760;US 5,218,329;US 5,250,916;US 5,327,109;US 5,488,335;CA 2114029;FR 9306297;GB 2273393;JP 3205337;KR 115113;CN 93106228.4;US 5,512,866;EP 0706719;DE 0706719;FR 0706719;GB 0706719;CN 95190359.4;US
5,602,518;US 5,721,520;US 5,745,018;EP 0910875;DE 0910875;DK 0910875;FR 0910875;GB 0910875;IE 0910875;JP 505182/98;KR 10-323013;US 5,994,978;US 6,462,629;CN 00810420.4;US 6,559,735;US 6,650,202;US
6,834,429.Other US and foreign patents pending.
•CTS Corporation 2006 reserves all copyrights in the layout, design and configuration of the patterns on this product.”
Document No. 008-0256-0
Page 1 of 2
Rev. X4VH
٠ CTS Electronic Components ٠ www.ctscorp.com ٠ 4800 Alameda Blvd. NE – Albuquerque, NM 87113-


Similar Part No. - CER0803A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0802A CTS-CER0802A Datasheet
83Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0809B CTS-CER0809B Datasheet
156Kb / 2P
Surface mount, silver (Ag) coated barium ceramic filter.
More results

Similar Description - CER0803A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0167B CTS-CER0167B Datasheet
68Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0171A CTS-CER0171A Datasheet
294Kb / 2P
Surface mount, silver (Ag) coated ceramic filter
CER0185A CTS-CER0185A Datasheet
101Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0186A CTS-CER0186A Datasheet
103Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0202A CTS-CER0202A Datasheet
276Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0206A CTS-CER0206A Datasheet
144Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0213C CTS-CER0213C Datasheet
61Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0220A CTS-CER0220A Datasheet
62Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0230A CTS-CER0230A Datasheet
71Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0231A CTS-CER0231A Datasheet
71Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com