Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7871 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7871
Description  14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7871 Datasheet(HTML) 1 Page - Texas Instruments

  ADS7871 Datasheet HTML 1Page - Texas Instruments ADS7871 Datasheet HTML 2Page - Texas Instruments ADS7871 Datasheet HTML 3Page - Texas Instruments ADS7871 Datasheet HTML 4Page - Texas Instruments ADS7871 Datasheet HTML 5Page - Texas Instruments ADS7871 Datasheet HTML 6Page - Texas Instruments ADS7871 Datasheet HTML 7Page - Texas Instruments ADS7871 Datasheet HTML 8Page - Texas Instruments ADS7871 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
ADS7871
SLAS370C − APRIL 2002 − REVISED OCTOBER 2004
14BIT, 48KSPS, DATA ACQUISITION SYSTEM WITH ANALOGTODIGITAL
CONVERTER, MUX, PGA, AND REFERENCE
FEATURES
D PGA Gains: 1, 2, 4, 5, 8, 10, 16, 20 V/V
D Programmable Input (Up to 4-Channel
Differential/Up to 8-Channel Single-Ended or
Some Combination)
D 1.15-V, 2.048-V, or 2.5-V Internal Reference
D SPI/DSP Compatible Serial Interface
(
≤ 20 MHz)
D Throughput Rate: 48 kSamples/sec
D Error Overload Indicator
D Programmable Output 2s Complement/Binary
D 2.7-V to 5.5-V Single Supply Operation
D 4-Bit Digital I/O Via Serial Interface
D Pin-Compatible With ADS7870
D SSOP-28 Package
APPLICATIONS
D Portable Battery-Powered Systems
D Low-Power Instrumentation
D Low-Power Control Systems
D Smart Sensor Applications
DESCRIPTION
The ADS7871 (US patents 6140872, 6060874) is a
complete low power data acquisition system on a single
chip. It consists of a 4-channel differential/8-channel
single-ended multiplexer, precision programmable gain
amplifier, 14-bit successive approximation analog-to-
digital (A/D) converter, and a precision voltage reference.
The programmable-gain amplifier provides high input
impedance, excellent gain accuracy, good common-mode
rejection, and low noise.
For many low-level signals, no external amplification or
impedance buffering is needed between the signal source
and the A/D input.
The offset voltage of the PGA is auto-zeroed. Gains of 1,
2, 4, 5, 8, 10, 16, and 20 V/V allow signals as low as 125
mV to produce full-scale digital outputs.
The ADS7871 contains an internal reference, which is
trimmed for high initial accuracy and stability vs
temperature. Drift is typically 10 ppm/
°C. An external
reference can be used in situations where multiple
ADS7871s share a common reference.
The serial interface allows the use of SPI, QSPI,
Microwire, and 8051-family protocols, without glue logic.
14-BIT
A/D
MUX
Serial
Interface
SCLK
CS
Digital
I/O
I/O0
I/O2
I/O3
I/O1
LN0
LN2
LN3
LN1
LN4
LN6
LN7
LN5
Registers
PGA
_
+
RESET
RISE/FALL
DIN
DOUT
BUSY
CONVERT
BUFOUT/REFIN
BUFIN
Oscillator
CCLK
OSC ENABLE
REF
VREF
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2002−2004, Texas Instruments Incorporated
All trademarks are the property of their respective owners.


Similar Part No. - ADS7871

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7871 TI1-ADS7871 Datasheet
564Kb / 44P
14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871 TI1-ADS7871 Datasheet
958Kb / 46P
PGA Gains: 1, 2, 4, 5, 8, 10, 16, 20 V/V
ADS7871 TI2-ADS7871 Datasheet
640Kb / 48P
14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
REVISED OCTOBER 2004
ADS7871IDB TI1-ADS7871IDB Datasheet
564Kb / 44P
14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871IDB TI1-ADS7871IDB Datasheet
958Kb / 46P
PGA Gains: 1, 2, 4, 5, 8, 10, 16, 20 V/V
More results

Similar Description - ADS7871

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1401 TI-THS1401 Datasheet
312Kb / 22P
14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
logo
Burr-Brown (TI)
ADS1250 BURR-BROWN-ADS1250 Datasheet
196Kb / 20P
20-Bit Data Acquisition System ANALOG-TO-DIGITAL CONVERTER
ADS7870 BURR-BROWN-ADS7870 Datasheet
262Kb / 27P
12-Bit ADC, MUX, PGA and Internal Reference DATA ACQUISITION SYSTEM
logo
Texas Instruments
THS1041 TI-THS1041 Datasheet
509Kb / 37P
10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
THS1401 TI-THS1401_07 Datasheet
585Kb / 26P
14-Bit, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1401-EP TI-THS1401-EP Datasheet
646Kb / 27P
14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
ADS7870 TI1-ADS7870 Datasheet
494Kb / 43P
12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871 TI1-ADS7871 Datasheet
564Kb / 44P
14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
THS1408-EP TI1-THS1408-EP_14 Datasheet
493Kb / 28P
14-BIT, 3/8 MSPS DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PGA
ADS7870 TI1-ADS7870_14 Datasheet
887Kb / 45P
12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com