Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8364 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8364
Description  250kHz, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8364 Datasheet(HTML) 1 Page - Texas Instruments

  ADS8364 Datasheet HTML 1Page - Texas Instruments ADS8364 Datasheet HTML 2Page - Texas Instruments ADS8364 Datasheet HTML 3Page - Texas Instruments ADS8364 Datasheet HTML 4Page - Texas Instruments ADS8364 Datasheet HTML 5Page - Texas Instruments ADS8364 Datasheet HTML 6Page - Texas Instruments ADS8364 Datasheet HTML 7Page - Texas Instruments ADS8364 Datasheet HTML 8Page - Texas Instruments ADS8364 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
250kHz, 16-Bit, 6-Channel
Simultaneous Sampling
ANALOG-TO-DIGITAL CONVERTERS
FEATURES
q 6 INPUT CHANNELS
q FULLY DIFFERENTIAL INPUTS
q 6 INDEPENDENT 16-BIT ADC
q 4
µs TOTAL THROUGHPUT PER CHANNEL
q TESTED NO MISSING CODES TO 14 BITS
q BUFFERED REFERENCE INPUTS
q LOW POWER: 450mW
q TQFP-64 PACKAGE
APPLICATIONS
q MOTOR CONTROL
q MULTI-AXIS POSITIONING SYSTEMS
q 3-PHASE POWER CONTROL
DESCRIPTION
The ADS8364 includes six, 16-bit, 250KHz ADCs (Analog-to-
Digital converters) with 6 fully differential input channels
grouped into two pairs for high-speed simultaneous signal
acquisition. Inputs to the sample-and-hold amplifiers are fully
differential and are maintained differential to the input of the
ADC. This provides excellent common-mode rejection of
80dB at 50KHz that is important in high-noise environments.
The ADS8364 offers a flexible high-speed parallel interface
with a direct address mode, a cycle, and a FIFO mode. The
output data for each channel is available as a 16-bit word.
ADS8364
SBAS219B – JUNE 2002 – REVISED JULY 2004
www.ti.com
Copyright © 2002-2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
ADS836
4
®
Interface
Conversion
and
Control
FIFO
Register
6x
EOC
FD
CS
WR
RD
Data
Input/Output
16
RESET
BYTE
CLK
CH A0–
CH A0+
CH A1–
CH A1+
SAR
CDAC
S/H
Amp
Comp
CDAC
Comp
S/H
Amp
CH B0–
CH B0+
HOLDA
CH B1–
CH B1+
SAR
CDAC
S/H
Amp
Comp
CDAC
Comp
S/H
Amp
CH C0–
CH C0+
CH C1–
CH C1+
REF
IN
REF
OUT
SAR
CDAC
S/H
Amp
Comp
CDAC
Comp
S/H
Amp
HOLDB
HOLDC
ADD
A2
A1
A0
Internal
2.5V
Reference
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
All trademarks are the property of their respective owners.


Similar Part No. - ADS8364

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8364 TI2-ADS8364 Datasheet
612Kb / 28P
250kSPS, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
REVISED AUGUST 2006
ADS8364Y TI2-ADS8364Y Datasheet
612Kb / 28P
250kSPS, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
REVISED AUGUST 2006
ADS8364Y/250 TI1-ADS8364Y/250 Datasheet
959Kb / 27P
250kSPS, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8364Y/250 TI2-ADS8364Y/250 Datasheet
612Kb / 28P
250kSPS, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
REVISED AUGUST 2006
ADS8364Y/250.B TI2-ADS8364Y/250.B Datasheet
612Kb / 28P
250kSPS, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
REVISED AUGUST 2006
More results

Similar Description - ADS8364

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1206 TI-THS1206 Datasheet
564Kb / 41P
12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS8365 BURR-BROWN-ADS8365 Datasheet
642Kb / 33P
16-Bit, 250kSPS, 6-Channel, Simultaneous Sampling SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS1174 TI-ADS1174 Datasheet
1Mb / 35P
Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
ADS1174 TI1-ADS1174_08 Datasheet
973Kb / 39P
Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
SEPTEMBER2008
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS1174 TI1-ADS1174_14 Datasheet
1Mb / 40P
Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
ADS8365 TI1-ADS8365_14 Datasheet
987Kb / 38P
16-Bit, 250kSPS, 6-Channel, Simultaneous Sampling SAR ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI1-ADS8364_16 Datasheet
959Kb / 27P
250kSPS, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8365 TI1-ADS8365 Datasheet
993Kb / 38P
16-Bit, 250kSPS, 6-Channel, Simultaneous Sampling SAR ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com