Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS96F173ME/883 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DS96F173ME/883
Description  DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS96F173ME/883 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS96F173ME/883 Datasheet HTML 3Page - Texas Instruments DS96F173ME/883 Datasheet HTML 4Page - Texas Instruments DS96F173ME/883 Datasheet HTML 5Page - Texas Instruments DS96F173ME/883 Datasheet HTML 6Page - Texas Instruments DS96F173ME/883 Datasheet HTML 7Page - Texas Instruments DS96F173ME/883 Datasheet HTML 8Page - Texas Instruments DS96F173ME/883 Datasheet HTML 9Page - Texas Instruments DS96F173ME/883 Datasheet HTML 10Page - Texas Instruments DS96F173ME/883 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DS96F173MQML, DS96F175MQML
www.ti.com
SNOSAS9A – APRIL 2011 – REVISED APRIL 2013
PARAMETER MEASUREMENT INFORMATION
Figure 5. tPLH, tPHL
(2) (3)
Figure 6. tHZ, tZH
(2) (3) (4) (5)
Figure 7. tZL, tLZ
(2) (3) (4) (5)
(2)
The input pulse is supplied by a generator having the following characteristics: f = 1.0 MHz, 50% duty cycle, tr ≤ 6.0 ns, tf ≤ 6.0 ns, ZO =
50
Ω.
(3)
CL includes probe and stray capacitance.
(4)
All diodes are 1N916 or equivalent.
(5)
To test the active low Enable E of DS96F173, ground E and apply an inverted input waveform to E . DS96F175 has active high enable
only.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS96F173MQML DS96F175MQML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com