Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS96F173ME/883 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS96F173ME/883
Description  DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS96F173ME/883 Datasheet(HTML) 1 Page - Texas Instruments

  DS96F173ME/883 Datasheet HTML 1Page - Texas Instruments DS96F173ME/883 Datasheet HTML 2Page - Texas Instruments DS96F173ME/883 Datasheet HTML 3Page - Texas Instruments DS96F173ME/883 Datasheet HTML 4Page - Texas Instruments DS96F173ME/883 Datasheet HTML 5Page - Texas Instruments DS96F173ME/883 Datasheet HTML 6Page - Texas Instruments DS96F173ME/883 Datasheet HTML 7Page - Texas Instruments DS96F173ME/883 Datasheet HTML 8Page - Texas Instruments DS96F173ME/883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DS96F173MQML, DS96F175MQML
www.ti.com
SNOSAS9A – APRIL 2011 – REVISED APRIL 2013
DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
Check for Samples: DS96F173MQML, DS96F175MQML
1
FEATURES
DESCRIPTION
The DS96F173 and the DS96F175 are high speed
2
•
Meets EIA-485, EIA-422A, EIA-423A Standards
quad differential line receivers designed to meet the
•
Designed for Multipoint Bus Applications
EIA-485 standard. The DS96F173 and the DS96F175
•
TRI-STATE Outputs
offer improved performance due to the use of L-FAST
bipolar technology. The use of LFAST technology
•
Common Mode Input Voltage Range:
−7V to
allows the DS96F173 and DS96F175 to operate at
+12V
higher speeds while minimizing power consumption.
•
Operates from Single +5.0V Supply
The DS96F173 and the DS96F175 have TRI-STATE
•
Lower Power Version
outputs and are optimized for balanced multipoint
•
Input Sensitivity of ±200 mV Over Common
data bus transmission at rates up to 15 Mbps. The
Mode Range
receivers
feature
high
input
impedance,
input
hysteresis for increased noise immunity, and input
•
Input Hysteresis of 50 mV Typical
sensitivity of 200 mV over a common mode input
•
High Input Impedance
voltage range of
−7V to +12V. The receivers are
•
DS96F173 and DS96F175 are Lead and
therefore suitable for multipoint applications in noisy
Function Compatible with SN75173/175 or the
environments. The DS96F173 features an active high
AM26LS32/MC3486
and active low Enable, common to all four receivers.
The DS96F175 features separate active high Enables
for each receiver pair.
Connection Diagrams
16-Lead Ceramic Dual-In-Line Package
(Package Number NFE0016A)
DS96F173
DS96F175
Figure 1. Top View
Figure 2. Top View
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS96F173ME/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96F173ME/883 NSC-DS96F173ME/883 Datasheet
238Kb / 10P
Quad Differential Receivers
DS96F173ME/883 NSC-DS96F173ME/883 Datasheet
236Kb / 10P
Quad Differential Receivers
More results

Similar Description - DS96F173ME/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS16F95 NSC-DS16F95 Datasheet
274Kb / 14P
EIA-485/EIA-422A Differential Bus Transceiver
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
EIA-485/EIA-422 Quad Differential Drivers
DS16F95QML NSC-DS16F95QML Datasheet
745Kb / 16P
EIA-485/EIA-422A Differential Bus Transceiver
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS16F95QML TI1-DS16F95QML_16 Datasheet
520Kb / 19P
EIA-485/EIA-422A Differential Bus Transceiver
DS16F95 TI1-DS16F95_16 Datasheet
309Kb / 16P
DS16F95, DS36F95 EIA-485/EIA-422A Differential Bus Transceiver
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
EIA-485/EIA-422 Quad Differential Drivers
DS96F173M TI1-DS96F173M_13 Datasheet
280Kb / 12P
DS96F173M/DS96F175C/DS96F175M EIA-485/EIA-422 Quad Differential Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com