Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSA-461/883 Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # FMSA-461/883
Description  FMSA/FMGA EMI Input Filters 28 Volt Input - 0.8 AMP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMSA-461/883 Datasheet(HTML) 2 Page - Interpoint Corporation Company

  FMSA-461/883 Datasheet HTML 1Page - Interpoint Corporation Company FMSA-461/883 Datasheet HTML 2Page - Interpoint Corporation Company FMSA-461/883 Datasheet HTML 3Page - Interpoint Corporation Company FMSA-461/883 Datasheet HTML 4Page - Interpoint Corporation Company FMSA-461/883 Datasheet HTML 5Page - Interpoint Corporation Company FMSA-461/883 Datasheet HTML 6Page - Interpoint Corporation Company FMSA-461/883 Datasheet HTML 7Page - Interpoint Corporation Company FMSA-461/883 Datasheet HTML 8Page - Interpoint Corporation Company FMSA-461/883 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2 µF
6800 pF
500 V
6800 pF
500 V
Positive
Input
Input
Common
Positive
Output
Output
Common
FMSA-461
>285 µH
6 µH
2 µF
20 Ω
20 Ω
0.65 Ω
6 µH
x 2
6800 pF / 500 V
Case Ground
(pins 4 and 8)
Figure 1: Fmsa sChematiC – typiCal Values
The case ground connection between the filter and the converter should be as low an impedance as possible to
minimize EMI. Direct contact of baseplate to chassis ground provides the lowest impedance.
RL
Positive
Output
FMSA-461
Positive
Input
Input
Common
Case
Ground
Output
Common
C
R
DC-DC Converter
Input
Common
Case
Ground
Output
Common
RL
The RC output is an optional
damping circuit. It is recommended in
applications where 80 volt line
transients may occur with rise times
<200 µs. See text page one
"Connection and Operation."
C = 10 µF, 100V –
C = Sprague 109D106X9100C2
R = 2.2 Ω, 5%, 1/4 W, Carbon comp.
Positive
Input
Positive
Output
Multiple units allowed
up to the maximum
rated output current
of the filter.
Figure 2: Fmsa Damping CirCuit
Crane Aerospace & Electronics Power Solutions
FMSA/FMGA eMi input Filters
28 VOlt iNput - 0.8 AMp
www.craneae.com/interpointcom
Page 2 of 14
FMSA/FMGA Rev AA - 2015.12.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com