Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSA-461/883 Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # FMSA-461/883
Description  FMSA/FMGA EMI Input Filters 28 Volt Input - 0.8 AMP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMSA-461/883 Datasheet(HTML) 1 Page - Interpoint Corporation Company

  FMSA-461/883 Datasheet HTML 1Page - Interpoint Corporation Company FMSA-461/883 Datasheet HTML 2Page - Interpoint Corporation Company FMSA-461/883 Datasheet HTML 3Page - Interpoint Corporation Company FMSA-461/883 Datasheet HTML 4Page - Interpoint Corporation Company FMSA-461/883 Datasheet HTML 5Page - Interpoint Corporation Company FMSA-461/883 Datasheet HTML 6Page - Interpoint Corporation Company FMSA-461/883 Datasheet HTML 7Page - Interpoint Corporation Company FMSA-461/883 Datasheet HTML 8Page - Interpoint Corporation Company FMSA-461/883 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FMSA SerieS™ eMi Filter
The Interpoint® FMSA-461 EMI filter modules have been
designed as a companion for Interpoint MSA Series™ flyback
dc -dc power converters. Multiple MSA power converters can be
operated from a single filter provided the total power line current
does not exceed the maximum current rating of the filter. The
FMSA filter will reduce the MSA’s power line reflected ripple
current to within the limit of MIL-STD-461C, Method CE03, as
shown in the example of Figure 8 on page 9.
The FMSA is fabricated using thick film hybrid technology and
is sealed in a metal package for military, aerospace and other
applications requiring EMI suppression. See case A1, Figure 15
on page 11 for dimensions. The filter uses only ceramic
capacitors for reliable high temperature operation.
OperatiOn
The MSA power converter has an internal 2 µF capacitor across
its input power terminals. See Figure 1 on page 2. When the
MSA and FMSA filters are used together, this capacitor becomes
part of the filter and forms its final LC output section. When 2 or
3 MSAs are used with a single filter, this capacitor becomes 4 µF
or 6 µF respectively, rather than 2 µF, improving the rejection vs.
frequency.
The FMSA filter can also be used with other types of Interpoint
power converters (MHF Series™, MHF+ Series™ and MHE
Series™) to comply with CE03. For MHF, MHF+ and MHE
models, the converter has an LC type line filter such that an
inductor is seen looking into its positive input terminal. For
these converters, it is necessary to terminate the filter with a
capacitor to insure unconditionally stable operation. A capacitor
across the filter output terminals of greater than 4 µF or the
optional damping circuit shown on the connection diagram will
be adequate for stable operation. No capacitor is required for the
MSA Series models.
OptiOnal Damping CirCuit
The optional damping circuit (Figure 2 on page 2) can be
used to prevent filter overshoot caused by MIL-STD-704A 80
volt, or other, transients having rise times of less than 200
microseconds. This damping can be alternately provided with a
1.50 Ω resistor in series with the filter’s positive input where the
additional line loss can be tolerated. For transients with rise times
of greater than 200 microseconds, there is no overshoot and the
damping circuit is not required.
layOut requirements
The case of the filter must be connected to the case of the
converter through a low impedance connection to minimize EMI.
FeAtureS
• Attenuation
50 dB (FMSA) at 500 kHz
55 dB (FMGA) at 500 kHz
• Small footprint
FMSA 0.79 in2 (5.1 cm2)
FMGA 0.89 in2 (5.7 cm2)
• Operating temperature -55° to +125°C
• Nominal 28 volts input, 0 to 50 volts operation
• up to 0.8 amps throughput current
• Compliant to Mil-StD-461C Ce-03
• Compatible with Mil-StD-704 A-e 28 VDC power bus
MODelS
ThroughpuT CurrenT (A)
FMSA-461
0.8
FMGA-461
0.8
Crane Aerospace & Electronics Power Solutions
FMSA/FMGA eMi input Filters
Crane Aerospace & Electronics
Power Solutions – Interpoint Products
10301 Willows Rd. NE, Redmond, WA 98052
+1 425-882-3100 • power@crane-eg.com
Page 1 of 14
28 VOlt iNput - 0.8 AMp
FMSA/FMGA Rev AA - 2015.12.15


Similar Part No. - FMSA-461/883

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMSA-461/883 INTERPOINT-FMSA-461/883 Datasheet
387Kb / 7P
EMI INPUT FILTER 28 VOLT INPUT
logo
Crane Aerospace & Elect...
FMSA-461/883 CRANE-FMSA-461/883 Datasheet
233Kb / 6P
EMI INPUT FILTER 28 VOLT INPUT
More results

Similar Description - FMSA-461/883

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FM-461 INTERPOINT-FM-461 Datasheet
197Kb / 11P
EMI INPUT FILTERS 28 VOLT INPUT
FMC-461 INTERPOINT-FMC-461 Datasheet
121Kb / 8P
EMI INPUT FILTER 28 VOLT INPUT
FMD28-461 INTERPOINT-FMD28-461 Datasheet
238Kb / 16P
EMI INPUT FILTERS 28 & 270 VOLT INPUT
FMH-461 INTERPOINT-FMH-461 Datasheet
311Kb / 9P
EMI INPUT FILTER 28 VOLT INPUT
STF28-461 INTERPOINT-STF28-461 Datasheet
60Kb / 4P
EMI INPUT FILTER 28 VOLT INPUT
logo
Crane Aerospace & Elect...
FME28-461 CRANE-FME28-461 Datasheet
239Kb / 16P
EMI INPUT FILTERS 28 & 270 VOLT INPUT
FMSA-461 CRANE-FMSA-461 Datasheet
233Kb / 6P
EMI INPUT FILTER 28 VOLT INPUT
logo
Interpoint Corporation ...
FMCE-0828 INTERPOINT-FMCE-0828_11 Datasheet
1Mb / 11P
EMI Input Filters 28 Volt input ??8 Amp
FMD28-461 INTERPOINT-FMD28-461_14 Datasheet
201Kb / 8P
EMI Input Filters 28 Volt input ??7 Amp
FME28-461 INTERPOINT-FME28-461_10 Datasheet
865Kb / 13P
EMI Input Filters 28 Volt Input ??15 Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com