Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMGA-461Z/883 Datasheet(PDF) 11 Page - Interpoint Corporation Company

Part # FMGA-461Z/883
Description  FMSA/FMGA EMI Input Filters 28 Volt Input - 0.8 AMP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMGA-461Z/883 Datasheet(HTML) 11 Page - Interpoint Corporation Company

Back Button FMGA-461Z/883 Datasheet HTML 6Page - Interpoint Corporation Company FMGA-461Z/883 Datasheet HTML 7Page - Interpoint Corporation Company FMGA-461Z/883 Datasheet HTML 8Page - Interpoint Corporation Company FMGA-461Z/883 Datasheet HTML 9Page - Interpoint Corporation Company FMGA-461Z/883 Datasheet HTML 10Page - Interpoint Corporation Company FMGA-461Z/883 Datasheet HTML 11Page - Interpoint Corporation Company FMGA-461Z/883 Datasheet HTML 12Page - Interpoint Corporation Company FMGA-461Z/883 Datasheet HTML 13Page - Interpoint Corporation Company FMGA-461Z/883 Datasheet HTML 14Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
0.000
0.097 (2.46)
0.697 (17.70)
Squared corner and dot on
top of case indicate pin one.
0.397 (10.08)
Projection Weld
1
3
8
4
7
2
6 5
BOTTOM VIEW CASE A1 FMSA
0.018 ± 0.002 dia.
(0.46 ± 0.05)
Seal hole: 0.056 ±0.002 (1.42 ±0.05)
0.805 max. (20.45)
Weight: 11.5 grams maximum
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device.
Solder pins individually with heat application not exceeding
300°C for 10 seconds per pin.
Materials
Header Kovar/Nickel/Gold
Cover Kovar/Nickel
Pins
Kovar/Nickel/Gold matched glass seal
Gold plating of 50 microinches minimum
Case A1 FMSA, Rev E, 2015.12.14
Please refer to the numerical dimensions for accuracy.
Figure 15: Case a1
Crane Aerospace & Electronics Power Solutions
FMSA/FMGA eMi input Filters
28 VOlt iNput - 0.8 AMp
www.craneae.com/interpointcom
Page 11 of 14
FMSA/FMGA Rev AA - 2015.12.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com