Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMGA-461Z/883 Datasheet(PDF) 14 Page - Interpoint Corporation Company

Part # FMGA-461Z/883
Description  FMSA/FMGA EMI Input Filters 28 Volt Input - 0.8 AMP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMGA-461Z/883 Datasheet(HTML) 14 Page - Interpoint Corporation Company

Back Button FMGA-461Z/883 Datasheet HTML 6Page - Interpoint Corporation Company FMGA-461Z/883 Datasheet HTML 7Page - Interpoint Corporation Company FMGA-461Z/883 Datasheet HTML 8Page - Interpoint Corporation Company FMGA-461Z/883 Datasheet HTML 9Page - Interpoint Corporation Company FMGA-461Z/883 Datasheet HTML 10Page - Interpoint Corporation Company FMGA-461Z/883 Datasheet HTML 11Page - Interpoint Corporation Company FMGA-461Z/883 Datasheet HTML 12Page - Interpoint Corporation Company FMGA-461Z/883 Datasheet HTML 13Page - Interpoint Corporation Company FMGA-461Z/883 Datasheet HTML 14Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Table is for reference only. See individual Series' datasheets for specific screening.
TABLE 9: ENVIRONMENTAL SCREENING HIGH RELIABILITY DC-DC CONVERTERS AND EMI FILTERS STANDARD, /ES AND /883 (CLASS H)
ENVIRONMENTAL SCREENING HIGH RELIABILITY
STANDARD, /ES AND /883 (CLASS H)
NON
-QML 1
QML 2
TEST PERFORMED
STANDARD
/ES
CLASS H
/883
pre-cap inspection, Method 2017, 2032
n
n
n
temperature Cycle (10 times)
Method 1010, Cond. C, -65°C to +150°C, ambient
n
Method 1010, Cond. B, -55°C to +125°C, ambient
n
Constant Acceleration
Method 2001, 3000 g
n
Method 2001, 500 g
n
piND, test Method 2020, Cond. A
n 3
Burn-in Method 1015, +125°C case, typical 4
96 hours
n
160 hours
n
Final electrical test, Mil-prF-38534, Group A,
Subgroups 1 through 6, -55°C, +25°C, +125°C case
n
Subgroups 1 and 4, +25°C case
n
n
Hermeticity test
Gross Leak, Cond. C1, fluorocarbon
n
n
Fine Leak, Cond. A2, helium
n
n
Gross Leak, Dip
n
Final visual inspection, Method 2009
n
n
n
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534.
Notes
1. Standard and ES are non-QML products and may not meet all of the requirements of MIL-PRF-38534.
2. All processes are QML qualified and performed by certified operators.
3. Not required by DLA but performed to assure product quality.
4. Burn-in temperature designed to bring the case temperature to +125°C minimum. Burn-in is a powered
test.
table 14: enVirOnmental sCreening
Crane Aerospace & Electronics Power Solutions
FMSA/FMGA eMi input Filters
Page 14 of 14
28 VOlt iNput - 0.8 AMp
FMSA/FMGA Rev AA - 2015.12.15 This revision supersedes all previous releases. All technical information is believed to be accurate, but no
responsibility is assumed for errors or omissions. Interpoint is a registered trademark of Crane Co. FMSA Series and FMGA Series are trademarks
of Crane Electronics, Inc. Copyright © 1999 - 2016 Crane Electronics, Inc. All rights reserved. www.craneae.com/interpoint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com